Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD26C32AFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD26C32AFPEL
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26C32AFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD26C32AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD26C32AFPEL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HD26C32A
Rev.2.00, Jul.16.2004, page 7 of 12
HD26C32A Line Receiver Applications
The HD26C32A is a line receiver that meets the EIA RS-422A and RS-423A conditions. It has a high in-phase input
voltage range, both positive and negative, enabling highly reliable transmission to be performed even in noisy
environments.
Its main features are listed below.
• Operates on a single 5 V power supply.
• ±0.2 V input sensitivity in in-phase input voltage ±7 V range
• Three-state output
• On-chip input fail-safe circuit
• On-chip power up/down protection circuit
As shown by the logic diagram, the enable function is common to all four drivers, and either active-high or active-low
input can be selected.
When exchange is carried out using a party line system, it is better to keep the receiver input bias current constituting
the driver load small, as this allows more receivers to be connected.
Output Voltage vs. Differential Input Voltage
6.0
5.0
4.0
3.0
2.0
1.0
0.0
–80
–40
0
40
80
Differential Input Voltage VDIFF (mV)
Ta = 25°C
VCC = 5 V
VCM = +7 V
VCM = 0 V
VCM = –7 V
Figure 1 Differential Input Voltage vs. Output Voltage Characteristics
Input Current vs. Input Voltage
2.0
–2.0
–15
9
0
3
15
Input Voltage VIN (V)
–39
1.2
0.4
0.0
–0.4
–1.2
V C
C
=
0
V
V C
C
=
5.5
V
Ta = 25°C
Figure 2 Input Voltage vs. Input Current Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com