Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC73P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC73P
Description  Dual J-K Flip-Flops (with Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC73P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC73P Datasheet HTML 1Page - Renesas Technology Corp HD74HC73P Datasheet HTML 2Page - Renesas Technology Corp HD74HC73P Datasheet HTML 3Page - Renesas Technology Corp HD74HC73P Datasheet HTML 4Page - Renesas Technology Corp HD74HC73P Datasheet HTML 5Page - Renesas Technology Corp HD74HC73P Datasheet HTML 6Page - Renesas Technology Corp HD74HC73P Datasheet HTML 7Page - Renesas Technology Corp HD74HC73P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC73
Rev.2.00, Oct 06, 2005 page 4 of 7
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to +85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
100
—
—
125
—
4.5
20
3
—
25
—
Setup time
tsu
6.0
17
—
—
21
—
ns
Data to clock
2.0
5
—
—
5
—
4.5
5
–2
—
5
—
Hold time
th
6.0
5
—
—
5
—
ns
Clock to data
2.0
100
—
—
125
—
4.5
20
–3
—
25
—
Removal time
trem
6.0
17
—
—
21
—
ns
Clear to clock
2.0
—
—
75
—
95
4.5
—
5
15
—
19
Output rise/fall
time
tTLH, tTHL
6.0
—
—
13
—
16
ns
Input capacitance
Cin
—
—
5
10
—
10
pF
Test Circuit
VCC
Clock
VCC
Zout = 50
Ω
Input
Clear
Zout = 50
Ω
Input
CL = 50 pF
Output
CL = 50 pF
Output
Q
Q
J
K
Note: C includes the probe and jig capacitance.
L
Pulse generator
Pulse generator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com