Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV0680B Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV0680B
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV0680B Datasheet HTML 22Page - STMicroelectronics STV0680B Datasheet HTML 23Page - STMicroelectronics STV0680B Datasheet HTML 24Page - STMicroelectronics STV0680B Datasheet HTML 25Page - STMicroelectronics STV0680B Datasheet HTML 26Page - STMicroelectronics STV0680B Datasheet HTML 27Page - STMicroelectronics STV0680B Datasheet HTML 28Page - STMicroelectronics STV0680B Datasheet HTML 29Page - STMicroelectronics STV0680B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
Software support
STV0680B + VV6444/6410/6500
26/63
Version 3.4
5
Software support
5.1
General features
The chipset is a dual-mode camera, i.e. stills and video, and is supported by a range of
demonstration software, standard drivers, and software development options.
Driver software is available to support both USB and RS232 interface including standard TWAIN
and video for Windows drivers (VfW through USB only) for Win98/Win2k/WinME. Quicktime drivers
and a Photoshop stills plug in for MacOS 8.6/9.0/9.1 are also supported.
Example software applications (PC only) are provided to create .AVI video files from untethered
continuous capture of images (AVICreator), to upload still images and recorded sounds
(LCDCdemo) and to download .WAV files from the PC to the camera (CustomSound). In each case,
PC source code is provided to assist in OEM software development using the SDK.
ST colour processing and defect detection/correction software runs on the host and is supplied
under licence agreement, as part of all host software/drivers/SDK.
5.1.1
Still image upload
This is available through demonstration software, OEM custom software, or using standard TWAIN
applications. Features include:
q
Fast upload through USB, or upload through RS232.
q
Colour display of image thumbnails for picture selection.
q
Download of full image once selected by user software.
q
Automatic detection and correction of sensor defects
q
Colour processing of full image, using the ST colour process
The above features also apply to “AVI Creator” or any OEM custom software for AVI video creation
from pictures taken while un-tethered, since this is essentially a “stills” function.
5.1.2
Streaming video (only while tethered to USB)
This is available through demonstration software, or using standard VfW applications. Features
include:
q
Streaming video through standard VfW driver
q
Automatic detection and correction of sensor defects
q
Colour processing of full image, using the ST colour process
5.2
Software installation
The following software support is only available to OEMs. Access to the latest installation files is
possible through a password-protected web page, contact ST for details. The install file gives the
option to install:
q
Drivers (always check web site for latest driver version).
q
EVK software, i.e. LCDCdemo.exe and AVIcreator.exe, G2Video.exe, and CTItest2.exe
q
SDK installation: source code for sample applications, and documentation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com