Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC75P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC75P
Description  Quad. Bistable Latches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC75P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC75P Datasheet HTML 1Page - Renesas Technology Corp HD74HC75P Datasheet HTML 2Page - Renesas Technology Corp HD74HC75P Datasheet HTML 3Page - Renesas Technology Corp HD74HC75P Datasheet HTML 4Page - Renesas Technology Corp HD74HC75P Datasheet HTML 5Page - Renesas Technology Corp HD74HC75P Datasheet HTML 6Page - Renesas Technology Corp HD74HC75P Datasheet HTML 7Page - Renesas Technology Corp HD74HC75P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 7
HD74HC75
Quad. Bistable Latches
REJ03D0550-0200
(Previous ADE-205-422)
Rev.2.00
Oct 06, 2005
Description
This latch is ideally suited for use as temporary storage for binary information processing, input/output, and indicator
units. Information present at the data (D) input is transferred to the Q output when the latch enable (LE) is high. The Q
output will follow the data input as long as the enable remains high. When the enable goes low, the information that
was present at the data input at the time the transition occurred is retained at the Q output unit the enable is permitted to
go high again.
Features
• High Speed Operation: t
pd (D to Q) = 12.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC75P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74HC75FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74HC75RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
Data
Latch Enable
Q
Q
L
H
L
H
H
H
H
L
X
L
Q0
Q
0
H :
High level
L :
Low level
X :
Irrelevant
Q0, Q0 :
Output level before the indicated steady state input conditions were established.


Similar Part No. - HD74HC75P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
Quad. Bistable Latches
More results

Similar Description - HD74HC75P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5475 TI-SN5475 Datasheet
229Kb / 6P
4-BIT BISTABLE LATCHES
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
Quad. Bistable Latches
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
Quad. Bistable Latches
HD74LS375 HITACHI-HD74LS375 Datasheet
66Kb / 6P
Quadruple Bistable Latches
HD74LS75 HITACHI-HD74LS75 Datasheet
66Kb / 6P
Quadruple Bistable Latches
logo
Texas Instruments
SN74100 TI-SN74100 Datasheet
127Kb / 3P
8-BIT BISTABLE LATCHES
logo
Renesas Technology Corp
HD74LS375 RENESAS-HD74LS375 Datasheet
68Kb / 6P
Quadruple Bistable Latches
HD74LS75 RENESAS-HD74LS75 Datasheet
86Kb / 6P
Quadruple Bistable Latches
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
Quad. Bistable Latches
logo
Texas Instruments
SN5475 TI1-SN5475_12 Datasheet
565Kb / 8P
4-BIT BISTABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com