Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC77 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC77
Description  4-bit Bistable Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC77 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC77 Datasheet HTML 1Page - Renesas Technology Corp HD74HC77 Datasheet HTML 2Page - Renesas Technology Corp HD74HC77 Datasheet HTML 3Page - Renesas Technology Corp HD74HC77 Datasheet HTML 4Page - Renesas Technology Corp HD74HC77 Datasheet HTML 5Page - Renesas Technology Corp HD74HC77 Datasheet HTML 6Page - Renesas Technology Corp HD74HC77 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 6
HD74HC77
4-bit Bistable Latch
REJ03D0552-0200
(Previous ADE-205-424)
Rev.2.00
Oct 06, 2005
Description
The HD74HC77 is ideally suited for use as temporary storage for binary information between processing units and
input/output or indicator units. Information present at a data (D) input is transferred to the Q output when the enable
(G) is high and the Q output will follow the data input as long as the enable remains high. When the enable goes low
the information (that was present at the data input at the time the transition occurred) is retained at the Q output until the
enable is permitted to go high.
Features
• High Speed Operation: t
pd (D to Q) = 12 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC77P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC77FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC77RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
Data
Enable G
Q
L
H
L
H
H
H
X
L
No change
H :
High level
L :
Low level
X :
Irrelevant


Similar Part No. - HD74HC77

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
4-bit Bistable Latch
More results

Similar Description - HD74HC77

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
Dual 2-Bit Bistable Transparent Latch
SN5475 TI-SN5475 Datasheet
229Kb / 6P
4-BIT BISTABLE LATCHES
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
4-bit Bistable Latch
HD74LS77 HITACHI-HD74LS77 Datasheet
59Kb / 6P
4-bit Bistable Latches
logo
Texas Instruments
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
Dual 2-Bit Bistable Transparent Latch
logo
National Semiconductor ...
MM54HC75 NSC-MM54HC75 Datasheet
150Kb / 4P
4-Bit Bistable Latch with Q and Q Output
logo
Texas Instruments
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
logo
Renesas Technology Corp
HD74LS77 RENESAS-HD74LS77 Datasheet
70Kb / 5P
4-bit Bistable Latches
logo
Texas Instruments
SN5475 TI1-SN5475_12 Datasheet
565Kb / 8P
4-BIT BISTABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com