Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC78 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC78
Description  Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC78 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC78 Datasheet HTML 1Page - Renesas Technology Corp HD74HC78 Datasheet HTML 2Page - Renesas Technology Corp HD74HC78 Datasheet HTML 3Page - Renesas Technology Corp HD74HC78 Datasheet HTML 4Page - Renesas Technology Corp HD74HC78 Datasheet HTML 5Page - Renesas Technology Corp HD74HC78 Datasheet HTML 6Page - Renesas Technology Corp HD74HC78 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74HC78
Rev.2.00, Oct 06, 2005 page 5 of 6
Waveforms
VOH
VOL
0 V
VCC
VOH
VOL
50 %
tPHL
50 %
tPLH
50 %
50 %
10 %
90 %
Clear
Q
Q
10 %
90 %
tr
tf
0 V
VCC
VOH
Clock
Q or
Q
Q or Q
50 %
10 %
90 %
tr
10 %
tf
50 %
50 %
50 %
tw (L)
tw (H)
10 %
90 %
tTLH
10 %
tTHL
90 %
10 %
90 %
tTLH
10 %
tTHL
50 %
50 %
50 %
50 %
tPHL
tPLH
tPHL
tPLH
VOL
VOH
VOL
0 V
VCC
50 %
50 %
10 %
90 %
Preset
tf
tr
tw(preset)
tw(clear)
90 %
tPLH
50 %
tPHL
50 %
90 %
10 %
tTHL
tTLH
90 %
10 %
• Waveform − 1
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. The output are measured one at a time with one transition per measurement.
Notes:
• Waveform − 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com