Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6410C036 Datasheet(PDF) 41 Page - STMicroelectronics

Part # VV6410C036
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 37Page - STMicroelectronics VV6410C036 Datasheet HTML 38Page - STMicroelectronics VV6410C036 Datasheet HTML 39Page - STMicroelectronics VV6410C036 Datasheet HTML 40Page - STMicroelectronics VV6410C036 Datasheet HTML 41Page - STMicroelectronics VV6410C036 Datasheet HTML 42Page - STMicroelectronics VV6410C036 Datasheet HTML 43Page - STMicroelectronics VV6410C036 Datasheet HTML 44Page - STMicroelectronics VV6410C036 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Version 3.4
41/63
STV0680B+ VV6410/6411/6500
STV0680B pinout information and package dimensions
USB Interface
42
USBDETECT
Input (S)
Detect Power source from USB.
(For camera with RS232 only, this pin should be tied
to GND)
USB
specific
ation
V1.1
complia
nt I/O
43
DATA+
Input/Output
USB bus
(For camera with RS232 only, this pin should be
connected to test points to allow for USB production
test (lens focussing))
44
DATA-
Input/Output
USB bus.
(For camera with RS232 only, this pin should be
connected to test points to allow for USB production
test (lens focussing))
RS232 Interface
58
TXD
Output
Serial data transmit
(For camera with USB only, this pin should be tied to
RXD)
4mA
(SL)
59
RXD
Input (S)
Serial data receive
(For camera with USB only, this pin should be tied to
TXD)
STV0680B Master Clocks and Reset
48
XIN
Input
Quartz Crystal IN
49
XOUT
Output
Quartz Crystal OUT
51
RESET
Input (S)
Active (LOW) STV0680B reset
System Memory (SDRAM) Interface
20
DQMU
Output
Data input/output mask for dram_DQ[15:8]
2mA
(SL)
22
DCLK
Output
Clock: all SDRAM input signals are sampled on the
positive edge
4mA
24
CKE
Output
Clock enable: activates (HIGH) and deactivates
(LOW) the SDRAM CLK signal
2mA
(SL)
28
AD11
Output
SDRAM address A11 for 64M SDRAM or BA for 16M
SDRAM
2mA
(SL)
31
AD9
Output
SDRAM address A9
2mA
(SL)
33
AD8
Output
SDRAM address A8
2mA
(SL)
35
AD7
Output
SDRAM address A7
2mA
(SL)
37
AD6
Output
SDRAM address A6
2mA
(SL)
39
AD5
Output
SDRAM address A5
2mA
(SL)
Pin no.
Signal
Type
Description
Drive
Table 19 : STV0680B Pin listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com