Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC95P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC95P
Description  8-bit Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC95P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC95P Datasheet HTML 1Page - Renesas Technology Corp HD74HC95P Datasheet HTML 2Page - Renesas Technology Corp HD74HC95P Datasheet HTML 3Page - Renesas Technology Corp HD74HC95P Datasheet HTML 4Page - Renesas Technology Corp HD74HC95P Datasheet HTML 5Page - Renesas Technology Corp HD74HC95P Datasheet HTML 6Page - Renesas Technology Corp HD74HC95P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74HC95
Rev.2.00, Oct 06, 2005 page 2 of 6
Function Table
Inputs
Clocks
Parallel
Outputs
Mode Control
2 (L)
1 (R)
Serial
A
B
C
D
QA
QB
QC
QD
H
H
X
X
X
X
X
X
QA0
QB0
QC0
QD0
H
X
X
a
b
c
d
a
b
c
d
H
X
X
QB+
QC+
QD+
d
QBn
QCn
QDn
d
L
L
H
X
X
X
X
X
QA0
QB0
QC0
QD0
L
X
H
X
X
X
X
H
QAn
QBn
QCn
L
X
L
X
X
X
X
L
QAn
QBn
QCn
L
L
X
X
X
X
X
QA0
QB0
QC0
QD0
L
L
X
X
X
X
X
QA0
QB0
QC0
QD0
L
H
X
X
X
X
X
QA0
QB0
QC0
QD0
H
L
X
X
X
X
X
QA0
QB0
QC0
QD0
H
H
X
X
X
X
X
QA0
QB0
QC0
QD0
Notes: 1. H : High level, L : Low level, X : Irrelevant
2. a to d : The level of steady-state input at inputs A, B, C or D respectively
3. QA0 to QD0 : The level of QA, QB, QC or QD respectively before the indicated steady-state input conditions were
established.
4. QAn to QDn : The level of QA, QB, QC or QD respectively before the most-recent (
) transition of the clock.
5. + : Shifting left requires external connection of QB to A, QC to B and QD to C. Serial data is entered at input D.
Pin Arrangement
1
QA
QB
QC
QD
A
B
C
D
Mode
CK1
CK2
Outputs
(Top View)
2
3
4
5
6
7
Inputs
A
B
C
D
Mode
Control
Serial
Input
Serial
Input
GND
Vcc
QA
QB
QC
QD
Clock1
R-Shift
Clock2
L-Shift
(Load)
14
13
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com