Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV-681-M01 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STV-681-M01
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-681-M01 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STV-681-M01 Datasheet HTML 35Page - STMicroelectronics STV-681-M01 Datasheet HTML 36Page - STMicroelectronics STV-681-M01 Datasheet HTML 37Page - STMicroelectronics STV-681-M01 Datasheet HTML 38Page - STMicroelectronics STV-681-M01 Datasheet HTML 39Page - STMicroelectronics STV-681-M01 Datasheet HTML 40Page - STMicroelectronics STV-681-M01 Datasheet HTML 41Page - STMicroelectronics STV-681-M01 Datasheet HTML 42Page - STMicroelectronics STV-681-M01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
ADCS 7283313C
39/44
STV0681
STV0681 pin description
LCD Interface
83
LCDCOM
Output
LCD Common
4mA
(SL)
93
LCD1_6
Output
LCD digit 1 segment G
2mA
(SL)
94
LCD1_5
Output
LCD digit 1 segment F
2mA
(SL)
95
LCD1_4
Output
LCD digit 1 segment E
2mA
(SL)
96
LCD1_3
Output
LCD digit 1 segment D
2mA
(SL)
97
LCD1_2
Output
LCD digit 1 segment C
2mA
(SL)
98
LCD1_1
Output
LCD digit 1 segment B
2mA
(SL)
99
LCD1_0
Output
LCD digit 1 segment A
2mA
(SL)
86
LCD2_6
Output
LCD digit 2 segment G
2mA
(SL)
87
LCD2_5
Output
LCD digit 2 segment F
2mA
(SL)
88
LCD2_4
Output
LCD digit 2segment E
2mA
(SL)
89
LCD2_3
Output
LCD digit 2segment D
2mA
(SL)
90
LCD2_2
Output
LCD digit 2segment C
2mA
(SL)
91
LCD2_1
Output
LCD digit 2 segment B
2mA
(SL)
92
LCD2_0
Output
LCD digit 2 segment A
2mA
(SL)
Piezo Interface
82
PIEZO
Output
Direct connection to piezo buzzer
8mA
(SL)
Battery Level Comparator Interface
78
LO_BAT
Input (A)
Battery level comparator input. The voltage on
low_bat is compared to the reference to determine
the battery status
77
LO_BAT_REF
Input (A)
1.22V battery level comparator reference input
Table 15: STV0681 pin listing
Pin no.
Signal
Type
Description
drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com