Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD26LS31P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD26LS31P
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS31P Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD26LS31P Datasheet HTML 2Page - Renesas Technology Corp HD26LS31P Datasheet HTML 3Page - Renesas Technology Corp HD26LS31P Datasheet HTML 4Page - Renesas Technology Corp HD26LS31P Datasheet HTML 5Page - Renesas Technology Corp HD26LS31P Datasheet HTML 6Page - Renesas Technology Corp HD26LS31P Datasheet HTML 7Page - Renesas Technology Corp HD26LS31P Datasheet HTML 8Page - Renesas Technology Corp HD26LS31P Datasheet HTML 9Page - Renesas Technology Corp HD26LS31P Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD26LS31
Rev.2.00, Jul.16.2004, page 6 of 11
Test Circuit 3
VCC
G
A
Y
Z
S2
Pulse Generator
PRR = 1 MHz
Duty Cycle 50%
Zout = 50
Ω
G
Input
4.5 V
Output
Output
180
Ω
75
Ω
CL
75
Ω
CL
180
Ω
S2
Note:
1. C
L includes probe and jig capacitance.
Waveforms
Enable G
0.3 V
2.7 V
1.5 V
2.7 V
0 V
3 V
1.5 V
0.3 V
Enable G
Output
tZL
OL
V
1.5 V
tLZ
0.5 V
S2 : Open
4.5 V
1.5 V
tr
tf
S2 : Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com