Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS30SM-6 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FS30SM-6
Description  MITSUBISHI Nch POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS30SM-6 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FS30SM-6 Datasheet HTML 1Page - Renesas Technology Corp FS30SM-6 Datasheet HTML 2Page - Renesas Technology Corp FS30SM-6 Datasheet HTML 3Page - Renesas Technology Corp FS30SM-6 Datasheet HTML 4Page - Renesas Technology Corp FS30SM-6 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
¡VDSS ................................................................................ 300V
¡rDS (ON) (MAX) .............................................................. 0.17
Ω
¡ID ..........................................................................................30A
300
±30
30
90
250
–55 ~ +150
–55 ~ +150
4.8
V
V
A
A
W
°C
°C
g
FS30SM-6
VDSS
VGSS
ID
IDM
PD
Tch
Tstg
—
15.9MAX.
4.5
1.5
φ 3.2
2
1.0
5.45
4.4
0.6
2.8
qw
e
5.45
4
r
wr
q
e
q GATE
w DRAIN
e SOURCE
r DRAIN
OUTLINE DRAWING
Dimensions in mm
VGS = 0V
VDS = 0V
Typical value
Symbol
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
TO-3P
MITSUBISHI Nch POWER MOSFET
FS30SM-6
HIGH-SPEED SWITCHING USE
APPLICATION
SMPS, DC-DC Converter, battery charger, power
supply of printer, copier, HDD, FDD, TV, VCR, per-
sonal computer etc.
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com