Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD26LS32P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD26LS32P
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD26LS32P Datasheet HTML 5Page - Renesas Technology Corp HD26LS32P Datasheet HTML 6Page - Renesas Technology Corp HD26LS32P Datasheet HTML 7Page - Renesas Technology Corp HD26LS32P Datasheet HTML 8Page - Renesas Technology Corp HD26LS32P Datasheet HTML 9Page - Renesas Technology Corp HD26LS32P Datasheet HTML 10Page - Renesas Technology Corp HD26LS32P Datasheet HTML 11Page - Renesas Technology Corp HD26LS32P Datasheet HTML 12Page - Renesas Technology Corp HD26LS32P Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HD26LS32
Rev.2.00, Jul.16.2004, page 9 of 14
1Y
2Y
3Y
4Y
1A
1B
2A
2B
3A
3B
4A
4B
Enable G
Enable G
Figure 1 HD26LS32 Block Diagram
5
4
3
2
1
0
–1
–2
–3
–4
–5
–25 –20 –15 –10 –5
0
5
10152025
Input Voltage Vin (V)
Ta = 25°C
+3.25 mA
V CC
=
0
V
V CC
=
5.25
V
–3.25 mA
–10 V –3 V
+3 V +10 V
Figure 2 Input Voltage vs. Input Current Characteristics
5
4
3
2
1
0
–100 –80 –60 –40 –20 0 20 40 60 80 100
Differential Input Voltage VID (mV)
VCC = 5 V, Ta = 25°C
VIC = –7 V
VIC = 0 V
VIC = +7 V
Input applied to pin A,
with pin B as reference
Figure 3 Differential Input Voltage vs. Output Voltage Characteristics
VCC
Y
R
R
A
B
Figure 4 Fail-Safe Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com