Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6501 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VV6501
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 25Page - STMicroelectronics VV6501 Datasheet HTML 26Page - STMicroelectronics VV6501 Datasheet HTML 27Page - STMicroelectronics VV6501 Datasheet HTML 28Page - STMicroelectronics VV6501 Datasheet HTML 29Page - STMicroelectronics VV6501 Datasheet HTML 30Page - STMicroelectronics VV6501 Datasheet HTML 31Page - STMicroelectronics VV6501 Datasheet HTML 32Page - STMicroelectronics VV6501 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ADCS 7283313C
29/44
STV0681
Software support
6
Software support
6.1
General features
The chipset is a dual-mode camera, i.e. stills and video, and is supported by a range of
demonstration software, standard drivers, and software development options.
PC
Driver software is available to support both USB and RS232 interfaces. Drivers are available for
TWAIN, WIA, Video for Windows (VfW) and DirectShow (DS) depending on the Operating System
as listed below:
q
Win98/Win98SE/WinME – VfW and TWAIN
q
Win2k – DS, VfW and TWAIN
q
WinXP – DS, VfW, WIA and TWAIN
Mac
Quicktime drivers and a Photoshop stills plug in for MacOS 8.6/9.0/9.1/9.2 are supported.
The driver will also run under MacOS X in Classic Mode.
Example software applications (PC only) are provided to create. AVI video files from untethered
continuous capture of images (AVICreator), to upload still images and recorded sounds
(LCDCdemo) and to download.WAV files from the PC to the camera (CustomSound). In each case,
PC source code is provided to assist in OEM software development using the SDK.
ST colour processing and defect detection/correction software runs on the host and is supplied
under licence agreement as part of all host software/drivers/SDK
6.1.1
Still image upload
This is available through demonstration software, OEM custom software, or using standard TWAIN
applications. Features include:
q
Fast upload through USB, or upload through RS232.
q
Colour display of image thumbnails for picture selection.
q
Download of full image once selected by user software.
q
Automatic detection and correction of sensor defects
q
Colour processing of full image, using the ST colour process
The above features also apply to “AVI Creator” or any OEM custom software for AVI video creation
at part of pictures taken while un-tethered, since this is essentially a “stills” function.
6.1.2
Streaming video (only while tethered to USB)
This is available through demonstration software, or using standard VfW applications. Features
include:
q
Streaming video through standard VfW driver
q
Automatic detection and correction of sensor defects
q
Colour processing of full image, using the ST colour process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com