Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ACT373 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74ACT373
Description  Octal Transparent Latch with 3-State Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT373 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74ACT373 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT373 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT373 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT373 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT373 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT373 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT373 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT373 Datasheet HTML 9Page - Renesas Technology Corp HD74ACT373 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74AC373/HD74ACT373
Rev.2.00, Jul.16.2004, page 6 of 9
AC Characteristics: HD74AC373
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
D
n to On
t
PLH
5.0
1.0
8.5
10.0
1.0
11.5
ns
Propagation delay
D
n to On
t
PHL
5.0
1.0
8.0
10.0
1.0
11.5
ns
Propagation delay
LE to O
n
t
PLH
5.0
1.0
8.5
11.0
1.0
11.5
ns
Propagation delay
LE to O
n
t
PHL
5.0
1.0
8.0
10.0
1.0
11.5
ns
Output enable time
t
ZH
5.0
1.0
8.0
9.5
1.0
10.5
ns
Output enable time
t
ZL
5.0
1.0
7.5
9.0
1.0
10.5
ns
Output disable time
t
HZ
5.0
1.0
9.0
11.0
1.0
12.5
ns
Output disable time
t
LZ
5.0
1.0
7.5
8.5
1.0
10.0
ns
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V
AC Operating Requirements: HD74AC373
Ta = +25°C
C
L = 50 pF
Ta = –40°C
to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Typ
Guaranteed Minimum
Unit
Setup time, HIGH or LOW
t
su
3.3
3.5
5.5
6.0
ns
D
n to LE
5.0
2.0
4.0
4.5
Hold time, HIGH or LOW
t
h
3.3
–3.0
0.0
0.0
ns
D
n to LE
5.0
–1.5
0.0
0.0
LE pulse width, HIGH
t
w
3.3
4.0
5.5
6.0
ns
5.0
2.0
4.0
4.5
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V
AC Operating Requirements: HD74ACT373
Ta = +25°C
C
L = 50 pF
Ta = –40°C
to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Typ
Guaranteed Minimum
Unit
Setup time, HIGH or LOW
D
n to LE
t
su
5.0
3.0
7.0
8.0
ns
Hold time, HIGH or LOW
D
n to LE
t
h
5.0
0.0
0.0
1.0
ns
LE pulse width, HIGH
t
w
5.0
2.0
7.0
8.0
ns
Note:
1. Voltage Range 5.0 is 5.0 V ± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
40.0
pF
V
CC = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com