| Electronic Components Datasheet Search |
|
STV-DCA/VGA-E04 Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-DCA/VGA-E04 Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 63 page ![]() Software support STV0680B + VV6444/6410/6500 26/63 Version 3.4 5 Software support 5.1 General features The chipset is a dual-mode camera, i.e. stills and video, and is supported by a range of demonstration software, standard drivers, and software development options. Driver software is available to support both USB and RS232 interface including standard TWAIN and video for Windows drivers (VfW through USB only) for Win98/Win2k/WinME. Quicktime drivers and a Photoshop stills plug in for MacOS 8.6/9.0/9.1 are also supported. Example software applications (PC only) are provided to create .AVI video files from untethered continuous capture of images (AVICreator), to upload still images and recorded sounds (LCDCdemo) and to download .WAV files from the PC to the camera (CustomSound). In each case, PC source code is provided to assist in OEM software development using the SDK. ST colour processing and defect detection/correction software runs on the host and is supplied under licence agreement, as part of all host software/drivers/SDK. 5.1.1 Still image upload This is available through demonstration software, OEM custom software, or using standard TWAIN applications. Features include: q Fast upload through USB, or upload through RS232. q Colour display of image thumbnails for picture selection. q Download of full image once selected by user software. q Automatic detection and correction of sensor defects q Colour processing of full image, using the ST colour process The above features also apply to “AVI Creator” or any OEM custom software for AVI video creation from pictures taken while un-tethered, since this is essentially a “stills” function. 5.1.2 Streaming video (only while tethered to USB) This is available through demonstration software, or using standard VfW applications. Features include: q Streaming video through standard VfW driver q Automatic detection and correction of sensor defects q Colour processing of full image, using the ST colour process 5.2 Software installation The following software support is only available to OEMs. Access to the latest installation files is possible through a password-protected web page, contact ST for details. The install file gives the option to install: q Drivers (always check web site for latest driver version). q EVK software, i.e. LCDCdemo.exe and AVIcreator.exe, G2Video.exe, and CTItest2.exe q SDK installation: source code for sample applications, and documentation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |