Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2112B Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV2112B
Description  BUS-CONTROLLED PAL/SECAM TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2112B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV2112B Datasheet HTML 16Page - STMicroelectronics STV2112B Datasheet HTML 17Page - STMicroelectronics STV2112B Datasheet HTML 18Page - STMicroelectronics STV2112B Datasheet HTML 19Page - STMicroelectronics STV2112B Datasheet HTML 20Page - STMicroelectronics STV2112B Datasheet HTML 21Page - STMicroelectronics STV2112B Datasheet HTML 22Page - STMicroelectronics STV2112B Datasheet HTML 23Page - STMicroelectronics STV2112B Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
10nF
10nF
10nF
10nF
100nF
100nF
220nF
22nF
22nF
22nF
22nF
22nF
22nF
1
2
3
4
5
6
7
8
9
10
16
17
18
19
20
26
27
28
29
30
36
37
38
40
11
12
13
14
15
21
22
23
24
31
32
33
34
35
25
39
41
42
3.5 8MHz
4.4 3MHz
33nF
100nF
100nF
503kHz
100nF
470
µF
16V
9V
100nF
470
µF
16V
9V
470
Ω
470
Ω
470
Ω
100
Ω
100
Ω
47pF
100
Ω
47pF
100nF
270k
Ω
330k
Ω
4. 7nF
18k
Ω
1k
Ω
9V
TO
DEFLECTION
S TAGES
TO
CRT
AMP LIFIER S
75
Ω
Y/CVBS
Input 1V
PP
1k
Ω
10nF
CHROMA INPUT (S -VHS)
75
Ω
I2C BUS
TO ST V8224
47k
Ω
100nF
220k
Ω
Pin 22
1N4148
22k
Ω
3.3 nF
1
µF
50V
Pin 42
75
Ω
75
Ω
75
Ω
75
Ω
FROM
E XTERNAL
RGB
390
Ω
1k
Ω
FROM
OS D
+
TXT
3.9 k
Ω
3.9 k
Ω
3.9 k
Ω
2.2 k
Ω
390
Ω
390
Ω
1
2
3
4
5
6
78
9
10
11
12
13
14
100nF
100nF
4.0 2k
Ω
1%
1nF
47
µF
16V
10
Ω
9V
4.7 nF
15k
Ω
1
µF
1N4148
680
Ω
4. 7k
Ω
9V
4.7 k
Ω
1N4148
S
T
V
2
1
1
2
B
S
T
V
2
1
8
0
FROM
HORIZONTAL
ST AGE
LFB (He a ter)
18k
Ω
100nF
TO P in 42
SDA
SCL
VOL
SWI
3.3 pF
OBLK
(ove rs ize
blanking)
GND2
S E LECT
CXTL1
CLP F
V
CC 2
BYO
RYO
BYI
ACC
SDA
SCL
FTUN1
RYI
LFB/S C
HOUT
VOUT
VAMP
SLP F
S XTL
BCL
ICAT
FTUN2
VOL
SWI
BOS D
GOS D
ROS D
FBOS D
BEXT
RO
GO
BO
GE XT
RE XT
FBEXT
CR
CB
CG
Y/CVBS
GND1
CHR/S VHS
V
CC 1
Notes : - STV2112B requires only 1 XTAL (4.43MHz).
- Recommended 4.43MHz XTAL is JAUCH Number 10080082.
- XTAL2 selection pin (Pin 2) : we recommend the connection to VCC2 (Pin 42).
In the case of STV2112B version, this pin can be left open.
APPLICATION DIAGRAM
STV2112B
21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com