Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ACT163 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74ACT163
Description  Synchronous Presettable Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT163 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74ACT163 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT163 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT163 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT163 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT163 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT163 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT163 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT163 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT163 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74ACT161/HD74ACT163
Rev.2.00, Jul.16.2004, page 2 of 8
Logic Symbol
PE
TC
CEP
CET
CP
*R Q0 Q1 Q2 Q3
P0 P1 P2 P3
MR for HD74ACT161
SR for HD74ACT163
*
Pin Names
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input
MR (HD74ACT161)
Asynchronous Master Reset Input
SR (HD74ACT163)
Synchronous Reset Input
P
0 to P3
Parallel Data Inputs
PE
Parallel Enable Input
Q
0 to Q3
Flip-Flop Outputs
TC
Terminal Count Output
Functional Description
The HD74ACT161 and HD74ACT163 count in modulo-16 binary sequence. From state 15 (HHHH) they increment to
state 0 (LLLL). The clock inputs of all flip-flops are driven in parallel through a clock buffer. Thus all changes of the
Q outputs (except due to Master Reset of the HD74ACT161) occur as a reset of, and synchronous with, the Low-to-
High transition of the CP input signal. The circuits have four fundamental modes of operation, in order of precedence:
asynchronous reset (HD74ACT161),
synchronous reset (HD74ACT163), parallel load, countup and hold. Five control inputs – Master Reste (
MR,
HD74ACT161), Synchronous Reset (
SR, HD74ACT163), Parallel Enable (PE), Count Enable Parallel (CEP) and
Count Enable Trickle (CET) – determine the mode of operation, as shown in the Mode Select Table. A Low signal on
MR overrides all other inputs and asynchronously forces all outputs Low. A Low signal on SR overrides counting and
parallel loading and allows all outputs to go Low on the next rising edge of CP. A Low signal on
PE overrides counting
and allows information on the Parallel Data (Pn) inputs to be loaded into the flip-flops on the next rising edge of CP.
With
PE and MR (HD74ACT161) or SR (HD74ACT163) High, CEP and CET permit counting when both are High.
Conversely, a Low signal on either CEP or CET inhibits counting.
The HD74ACT161 and HD74ACT163 use D-type edge-triggered flip-flops and changing the
SR, PE, CEP and CET
inputs when the CP is in either state does not cause errors, provided that the recommended setup and hold times, with
respect to the rising edge of CP, are observed. The Terminal Count (TC) output is High when CET is High and counter
is in state 15. To implement synchronous multistage counters, the TC outputs can be used with the CEP and CET
inputs in two different ways. The TC output is subject to decoding spikes due to internal race conditions and is
therefore not recommended for use as a clock or asynchronous reset for flip-flops, counters or registers.
Logic Equations: Count Enable = CEP•CET•
PE
TC = Q
0•Q1•Q2•Q3•CET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com