Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC1G02 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74ALVC1G02
Description  2-input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G02 Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74ALVC1G02 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G02 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HD74ALVC1G02
Rev.6.00, Jun.20.2005 page 7 of 7
Package Dimensions
1
3
54
D
b
c
1.0 ±0.1
0.3
0.2
0.15
1
A
1.3
1.1
1.55
1.6
1.55
0.12
1
E
1
D
p
0.5
e
e
L
x
y
0.2
1.65
1.65
P-USON5-1.2x1.6-0.50
PUSN0005KA-A
0.22
0.07
1
2
L
c
c
Z
b
A
E
D
b
H
A
MASS[Typ.]
0.6
1.2
1.6
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
Previous Code
JEITA Package Code
RENESAS Code
TNP-5D/TNP-5DV
0.002g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com