Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2118B Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV2118B
Description  BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2118B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV2118B Datasheet HTML 11Page - STMicroelectronics STV2118B Datasheet HTML 12Page - STMicroelectronics STV2118B Datasheet HTML 13Page - STMicroelectronics STV2118B Datasheet HTML 14Page - STMicroelectronics STV2118B Datasheet HTML 15Page - STMicroelectronics STV2118B Datasheet HTML 16Page - STMicroelectronics STV2118B Datasheet HTML 17Page - STMicroelectronics STV2118B Datasheet HTML 18Page - STMicroelectronics STV2118B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
IF STANDARD CONTROL & SWITCH SELECTION (Pin 11)
VTV/NEG
Output Voltage in TV Mode and
Negative Vision Modulation
VCC = 9V
0.1
0.7
V
VTV/POS
Output Voltage in TV Mode and
Positive Vision Modulation
VCC = 9V
2.90
3.37
3.80
V
VStart/Pos
Output Voltage in SCART Mode and
Positive Vision Modulation
VCC = 9V
5.20
5.62
6.10
V
VStart/Neg
Output Voltage in SCART Mode and
Negative Vision Modulation (open collector mode)
VCC = 9V
7.88
9
V
RTV/Neg
Output Resistance in TV Mode and
Negative Vision Modulation
200
RTV/Pos
Output Resistance in TV Mode and
Positive Vision Modulation
6.7
k
RScart/Pos
Output Resistance in Scart Mode and
Positive Vision Modulation
11
k
RScart/Neg
Output Resistance in Scart Mode and
Negative Vision Modulation (pull-up resistor to VCC)
18
k
I
2C BUS INPUTS (Pins 6-7)
VTH6-7
Threshold Voltage
1.5
2.25
3
V
CL6-7
Capacitance of each Pin
5
10
pF
ILeak6-7
Leakage Current
Write Mode 0 on SDA or
SCL
50
µA
STV2118B
15/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com