Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64894FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M64894FP
Description  Serial Input PLL Frequency Synthesizer for TV/VCR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64894FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M64894FP Datasheet HTML 1Page - Renesas Technology Corp M64894FP Datasheet HTML 2Page - Renesas Technology Corp M64894FP Datasheet HTML 3Page - Renesas Technology Corp M64894FP Datasheet HTML 4Page - Renesas Technology Corp M64894FP Datasheet HTML 5Page - Renesas Technology Corp M64894FP Datasheet HTML 6Page - Renesas Technology Corp M64894FP Datasheet HTML 7Page - Renesas Technology Corp M64894FP Datasheet HTML 8Page - Renesas Technology Corp M64894FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
M64894FP/GP
Rev.2.00 Jun 14, 2006 page 3 of 12
Pin Arrangement
1
16
8
7
6
5
4
3
2
fin
BS1
BS2
BS3
BS4
VCC2
VCC1
GND
Xin
(Top view)
M64894FP/GP
Outline: PRSP0016DA-A (16P2S-A) [FP]
PRSP0016JA-A (16P2Z-A) [GP]
Vin
Vtu
VCC3
ADC
SCL
SDA
ADS
10
11
12
13
14
15
9
Pin Description
Pin No.
Symbol
Pin name
Function
1
fin
Prescaler input
Input for the VCO frequency.
2
GND
GND
Ground to 0 V.
3
VCC1
Power supply voltage 1
Power supply voltage terminal. 5.0 V
± 0.5 V
4
VCC2
Power supply voltage 2
Power supply for band switching, VCC1 to 13.2 V
5
6
7
8
BS4
BS3
BS2
BS1
Band switching outputs
PNP open collector method is used.
When the band switching data is “H”, the output is ON.
When it is “L”, the output is OFF.
9
Vin
Filter input
(Charge pump output)
This is the output terminal for the LPF input and charge pump
output. When the phase of the programmable divider output (f
1/N) is ahead compared to the reference frequency (fREF), the
“source” current state becomes active.
If it is behind, the “sink” current becomes active.
If the phases are the same, the high impedance state becomes
active.
10
Vtu
Tuning output
This supplies the tuning voltage.
11
VCC3
Power supply voltage 3
Power supply voltage for tuning voltage 28 to 35 V
12
ADC/ftest
AD converter input/
Test port
A/D conversion of the input voltage.
In control byte data input, the programmable freq. Divider output
and reference freq. output is selected by the test mode.
13
SCL
Clock input
Data is read into the shift register when the clock signal falls.
14
SDA
Data input
Input for band SW and programmable freq. divider set up.
In lead mode, it outputs lock detector output and power down flag
and a state of 5 level A/D converter.
15
ADS
Address switching input
Chip address sets it up with the input condition of terminal.
16
Xin
This is connected to the
crystal oscillator
4.0 MHz crystal oscillator is connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com