Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64897GP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M64897GP
Description  PLL Frequency Synthesizer with DC/DC Converter for PC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64897GP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M64897GP Datasheet HTML 3Page - Renesas Technology Corp M64897GP Datasheet HTML 4Page - Renesas Technology Corp M64897GP Datasheet HTML 5Page - Renesas Technology Corp M64897GP Datasheet HTML 6Page - Renesas Technology Corp M64897GP Datasheet HTML 7Page - Renesas Technology Corp M64897GP Datasheet HTML 8Page - Renesas Technology Corp M64897GP Datasheet HTML 9Page - Renesas Technology Corp M64897GP Datasheet HTML 10Page - Renesas Technology Corp M64897GP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M64897GP
Rev.2.00 Jun 14, 2006 page 7 of 13
Switching Characteristics
(Ta
= −20°C to +75°C, unless otherwise noted, V
CC1
= 5.0 V, V
CC2
= 9.0 V)
Limits
Item
Symbol
Test
Pin
Min.
Typ.
Max.
Unit
Test Conditions
Prescaler operating
frequency
fopr
1
80
—
1300
MHz
VCC1
= 4.5 to 5.5V
Vin
= Vinmin to Vinmax
−24
—
4
850 to 100MHz
−27
—
4
100 to 950MHz
Operation input voltage
Vin
1
−15
—
4
dBm
VCC1
= 4.5 to
5.5V
950 to 1300MHz
Clock pulse frequency
fSCL
17
0
—
100
kHz
VCC1
= 4.5 to 5.5V
Bus free time
tBUF
18
4.7
—
—
µs
VCC1
= 4.5 to 5.5V
Data hold time
tHDSTA
17
4
—
—
µs
VCC1
= 4.5 to 5.5V
SCL low hold time
tLOW
17
4.7
—
—
µs
VCC1
= 4.5 to 5.5V
SCL high hold time
tHIGH
17
4
—
—
µs
VCC1
= 4.5 to 5.5V
Set up time
tSUSTA
17, 18
4.7
—
—
µs
VCC1
= 4.5 to 5.5V
Data hold time
tHDDAT
17, 18
0
—
—
s
VCC1
= 4.5 to 5.5V
Data set up time
tSUDAT
17, 18
250
—
—
ns
VCC1
= 4.5 to 5.5V
Rise time
tR
17, 18
—
—
1000
ns
VCC1
= 4.5 to 5.5V
Fall time
tF
17, 18
—
—
300
ns
VCC1
= 4.5 to 5.5V
Set up time
tSUSTO
17, 18
4
—
—
µs
VCC1
= 4.5 to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com