Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC173 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC173
Description  4-bit D-type Register (with 3-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC173 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC173 Datasheet HTML 1Page - Renesas Technology Corp HD74HC173 Datasheet HTML 2Page - Renesas Technology Corp HD74HC173 Datasheet HTML 3Page - Renesas Technology Corp HD74HC173 Datasheet HTML 4Page - Renesas Technology Corp HD74HC173 Datasheet HTML 5Page - Renesas Technology Corp HD74HC173 Datasheet HTML 6Page - Renesas Technology Corp HD74HC173 Datasheet HTML 7Page - Renesas Technology Corp HD74HC173 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74HC173
Rev.3.00, Jan 31, 2006 page 5 of 7
Waveforms
VOH
VOL
50 %
50 %
Waveform – 1
Waveform – 2
tr
tf
tZL
0 V
VCC
VOH
tLZ
tZH
tHZ
10 %
10 %
90 %
90 %
50 %
50 %
Output
Control
Waveform – A
Waveform – B
90 %
10 %
Notes 1. Input pulse PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. Waveform – A is for an output with internal conditions such that
the output is low except when disabled by the output control.
3. waveform – B is for an output with internal conditions such that
the output is high except when disabled by the output control.
Clear
Output QH
Data
Clock
VCC
50%
50%
90%
50%
50%
50%
50%
50%
50%
50%
50%
50%
VOL
VOH
0 V
VCC
0 V
VCC
0 V
tW
tW (H)
tPHL
tPLH
tsu
tsu
th
th
tPHL
Note 1. Input pulse : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
tr
tf
90%
10%
10%
tr
tf
90%
10%
10%
trem
tW (L)
tf
tr
90%
10%
10%
90%
tTHL
tTLH
90%
10%
90%
10%
VOL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com