Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65761FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M65761FP
Description  QM-Coder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65761FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M65761FP Datasheet HTML 15Page - Renesas Technology Corp M65761FP Datasheet HTML 16Page - Renesas Technology Corp M65761FP Datasheet HTML 17Page - Renesas Technology Corp M65761FP Datasheet HTML 18Page - Renesas Technology Corp M65761FP Datasheet HTML 19Page - Renesas Technology Corp M65761FP Datasheet HTML 20Page - Renesas Technology Corp M65761FP Datasheet HTML 21Page - Renesas Technology Corp M65761FP Datasheet HTML 22Page - Renesas Technology Corp M65761FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
M65761FP
REJ03F0234-0200 Rev.2.00 Sep 14, 2007
Page 19 of 33
(3) Processing sequence of coding/decoding of stripes (internal context mode and AT pixel position may change)
2
PEL_REG_L:
SYS_REG:
; mm = Operating mode (Coding/decoding)
; C = 0 Internal context selected
; s, x = Bit and byte swap
; p, b = Image data I/F, bit width
CONV_REG:
PEL_REG_H:
PARA_REG:
CMD_REG:
STAT_REG:
MSET_REG:
LSET_REG_L:
LSET_REG_H:
IENB_REG:
IENB_REG:
; mset = Marker code byte set up
(SDNORM = 02h, SDRST = 03h)
; aa,aaaaa = AT pixel position
; t = Template selection
; Status check
; j = 0, p = 1, temporary check
; pel_l, pel_h = Number of pixels per 1 line
; Ve, He = Expansion selection for decoding
; Vr, Hr, Ho = Select reduction during coding
; Ob = Select discarding leading 1 byte when coding
; Tp = ON/OFF of typical prediction function
; Li = Select prohibiting initialization of line memory Note
; lset_l, lset_h = Number of lines process
Note: The number of lines up to the point
where AT pixel position is changed is set.
; Interrupt disable
; Stop processing temporarily (Coding/decoding)
; Processing stop interrupt enable
d7
d0
bm m
p0
C
x
s
d7
d0
00
0
00
0
0
0
00
1
00
1
0
0
00
0
01
0
0
0
Tp
Vr He
Li
Ve
Hr
Ob Ho
aa
a
aa
a
t
a
mset
lset_h
pel_l
lset_l
PARA_REG:
LSET_REG_L:
LSET_REG_H:
; AT pixel change set up (a'a', a'a'a'a'a')
Note: Template not to be changed
; lset_l, lset_h = Number of lines process
Note: Set up the number of lines to be processed from
the time processing restarted to the position where
next the next AT pixel is changed.
a'
a'
a'
a'
a'
a'
t
a'
lset_h
lset_l
−− −
−
j
−
p
−
Set up number of pixels
System set up
(LSI mode set up)
Parameter set up
(Template, AT pixel position)
Set up number of lines
Set up various functions
Process start command
(Stop processing temporarily)
Set up marker code
(Note: coding only)
Set up interrupt enable
00
pel_h
Note: Set Li to "0" when the leading
stripe of single or multi stripe is used.
Note: During the first processing, if it is coding, (the number of lines of the input image data) =
(the value set in the register which sets the number of lines) + 1
During decoding, (number of lines of the output image data) = (the value set in the register which sets the number of lines)
− 1
[Coding/decoding go on during this time]
−−−I/O of the first image data and code data take place.
3
to Next page
(Interrupt is generated)
Interrupt disable is set up
Status register is read out
Set up AT pixel position
Set up number of lines
Set up
the last AT
Go to
Last set up
Middle of set up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com