| Electronic Components Datasheet Search |
|
M65762FP Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M65762FP Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 35 page ![]() M65762FP REJ03F0235-0200 Rev.2.00 Sep 14, 2007 Page 21 of 34 CMD_REG: STAT_REG: MDET_REG: IENB_REG: IENB_REG: ; j = End of processing ; m = Marker detection ; s = SC counter over error ; Interrupt disable ; Termination end processing (coding/decoding) Start command ; Process stop interrupt enable ; mdet = Read marker code d7 d0 00 0 00 0 0 0 00 1 00 0 0 0 00 0 01 0 0 0 mdet − m − − j − − s Note: During coding in the final processing, (number of lines in input image data) = (value set in the line count set register) − 1. During decoding, (number of lines in output image data) = (value set in the line count set register) + 1. [Performs coding/decoding processing during this period.] −−−Inputs/outputs final image data and coding data. End End (Occurrence of interrupt) Set interrupt disable Read out status register (check end of processing) Read out marker code (Note: Decoding only) j = 1 ? Y N (Error) s = 0 ? Y N (SC counter over) (Error) Decoding ? Y N (Encoding) (Decoding) (Marker detection) m = 1 ? Y N (Marker not detected) (Error) 3 Processing start command (termination end processing) Set interrupt enable PARA_REG: LSET_REG_L: LSET_REG_H: ; Set change in final AT pixel. (a"a", a"a"a"a"a") Note: Template is not allowed to be changed ; lset_l, lset_h = Number of processing lines Note: Enter the number of processing lines ranging from restart of processing to the final line. a" a" a" a" a" a" t a" lset_h lset_l Set AT pixel position Set number of lines (4) Load/store processing sequence of the context table RAM This sequence is used to load or store context table RAM. CMD_REG: ; Starts to load/store context table RAM d7 d0 00 0 00 0 0 0 CMD_REG: ; End of loading/storing RAM Since the operation does not automatically stop, be sure to write the load/store end command. 01 0 00 0 0 0 RAM load/store start command End of RAM load/store command Note: Reading (storing) operation and writing (loading) operation are not allowed to be done at a time. [Stores (loads) the context table RAM during this period.] Context RAM data is stored (loaded) via buffer register. Reading (writing) 2 bytes automatically increments the RAM address. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |