Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV2180A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV2180A
Description  BASE BAND CHROMA DELAY LINE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2180A Datasheet(HTML) 3 Page - STMicroelectronics

  STV2180A Datasheet HTML 1Page - STMicroelectronics STV2180A Datasheet HTML 2Page - STMicroelectronics STV2180A Datasheet HTML 3Page - STMicroelectronics STV2180A Datasheet HTML 4Page - STMicroelectronics STV2180A Datasheet HTML 5Page - STMicroelectronics STV2180A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Tamb =25
oC, VCC = 9V, R9 = 4.02k
Ω, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY/VREF (Pins 11 and 10)
VCC
Supply Voltage
8.5
9
9.5
V
ICC
Supply Current
15
25
mA
Pd
Power Consumption
VCC = 9V
135
240
mW
Vint
Internal Voltage
7
V
SAND CASTLE INPUT (Pin 6)
FSSC
Burst Gate Frequency
No input signal
14.5
15.625
16.5
kHz
VTH
Threshold Voltage (Burst Gate)
3.2
3.5
3.8
V
Cin
Input Capacitance
12
pF
COLOR DIFFERENCE INPUT SIGNALS (Pins 2 and 14)
R-Y IPN
R-Y Typical Input Signal PAL & NTSC
Peak-to-peak value
525
mVPP
R-Y IS
R-Y Typical Input Signal SECAM
Peak-to-peak value
1.05
VPP
B-Y IPN
B-Y Typical Input Signal PAL & NTSC
Peak-to-peak value
665
mVPP
B-Y IS
B-Y Typical Input Signal SECAM
Peak-to-peak value
1.33
VPP
Rin
Input Resistance
10
k
Ω
Cin
Input Capacitance
12
pF
VClamp
Clamping Voltage
2.7
V
IClamp
Clamping Current
Vin =VClamp
±0.2V
±50
µA
COLOR DIFFERENCE OUTPUT SIGNALS (Pins 3 and 4)
B-Y O
B-Y Output Signal
Peak-to-peak value
1.8
VPP
R-Y O
R-Y Output Signal
Peak-to-peak value
1.8
VPP
DG
Differential Gain
SECAM Vn/Vn-1 :Vin =1VPP
-0.4
0
+0.4
dB
GPN
PAL-NTSC Gain
Vin = 0.5VPP
5.8
6.3
6.8
dB
GS
SECAM Gain
Vin =1VPP
-0.5
0
+0.5
dB
VNoise
RMS Noise Voltage
Ri = 300
Ω
BW = 10kHz to 1MHz
2mVRms
Rout
Output Resistance
200
Ω
Delay
Delayed Signal Delay
Referred to non delayed output
63.93
64
64.07
µs
Non Delay
Non Delayed Signal Delay
Referred to input
100
ns
TR
Output Signal Transient Time
500ns transient input signal
650
1000
ns
PLL FILTER LOOP (Pin 5)
ICharg
Charging Current
100
µA
VPLL
DC Voltage
3.5
V
CURRENT REFERENCE (Pin 9)
VDC
DC Voltage
R9 = 4.02k
Ω to ground
1.15
V
STV2180A
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com