Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSG2005 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSG2005
Description  SiGe HBT High Frequency Medium Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2005 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSG2005 Datasheet HTML 1Page - Renesas Technology Corp HSG2005 Datasheet HTML 2Page - Renesas Technology Corp HSG2005 Datasheet HTML 3Page - Renesas Technology Corp HSG2005 Datasheet HTML 4Page - Renesas Technology Corp HSG2005 Datasheet HTML 5Page - Renesas Technology Corp HSG2005 Datasheet HTML 6Page - Renesas Technology Corp HSG2005 Datasheet HTML 7Page - Renesas Technology Corp HSG2005 Datasheet HTML 8Page - Renesas Technology Corp HSG2005 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HSG2005
Rev.4.00 Jun 21, 2006 page 2 of 12
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
DC current transfer ratio
hFE
150
220
300
VCE = 3 V, IC = 100 mA
Reverse Transfer Capacitance
Cre
0.4
pF
VCB = 3 V, IE = 0, f = 1 MHz,
emitter grounded
Transition Frequency
fT
28.5
GHz
VCE = 3 V, IC = 100 mA,
f = 1 GHz
Maximum Stable Gain
MSG
10.5
12.5
dB
VCE = 3 V, IC = 100 mA,
f = 5.8 GHz
Maximum Available Gain
MAG
17.0
dB
VCE = 3 V, IC = 100 mA,
f = 2.4 GHz
Maximum Available Gain
MAG
9.0
dB
VCE = 3 V, IC = 100 mA,
f = 5.8 GHz
Power Gain
PG
8.0
dB
VCE = 3.6 V, Iidle = 100 mA,
f = 5.8 GHz, Pin = +13 dBm
1dB Compression Point at output
P1dB
+21
dBm
VCE = 3.6 V, Iidle = 100 mA,
f = 5.8 GHz
Saturation Output Power
Po(sat)
+23
dBm
VCE = 3.6 V, Iidle = 100 mA,
f = 5.8 GHz, Pin = +13 dBm
Main Characteristics
0
50
100
150
200
Collector Power Dissipation Curve
Ambient Temperature
Ta (°C)
1800
1200
600
*(4 x 4 x 1mm) on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com