Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSC88 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HSC88
Description  Silicon Schottky Barrier Diode for Various Detector, Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSC88 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HSC88 Datasheet HTML 1Page - Renesas Technology Corp HSC88 Datasheet HTML 2Page - Renesas Technology Corp HSC88 Datasheet HTML 3Page - Renesas Technology Corp HSC88 Datasheet HTML 4Page - Renesas Technology Corp HSC88 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.1.00 Apr 12, 2005 page 1 of 4
HSC88
Silicon Schottky Barrier Diode for Various Detector, Mixer
REJ03G0624-0100
(Previous: ADE-208-826)
Rev.1.00
Apr 12, 2005
Features
• Low capacitance. (C = 0.8 pF max)
• Low forward voltage.
• Ultra small Flat Lead Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Cathode Mark
Package Name
Package Code
(Previous Code)
HSC88
S3
UFP
PWSF0002ZA-A
(UFP)
Pin Arrangement
Cathode mark
Mark
12
1. Cathode
2. Anode
S3


Similar Part No. - HSC88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSC88 HITACHI-HSC88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
More results

Similar Description - HSC88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
HSC88 HITACHI-HSC88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Renesas Technology Corp
HSD88 RENESAS-HSD88 Datasheet
143Kb / 5P
Silicon Schottky Barrier Diode for Detector, Mixer
HSB276S RENESAS-HSB276S Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSU276 RENESAS-HSU276 Datasheet
61Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSM198S RENESAS-HSM198S Datasheet
140Kb / 5P
Silicon Schottky Barrier Diode for Various Detector
HSM276SR RENESAS-HSM276SR Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSM88WA RENESAS-HSM88WA Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSM88WK RENESAS-HSM88WK Datasheet
64Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
HSU88 RENESAS-HSU88 Datasheet
61Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com