Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6411A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV6411A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV6411A Datasheet HTML 12Page - STMicroelectronics STV6411A Datasheet HTML 13Page - STMicroelectronics STV6411A Datasheet HTML 14Page - STMicroelectronics STV6411A Datasheet HTML 15Page - STMicroelectronics STV6411A Datasheet HTML 16Page - STMicroelectronics STV6411A Datasheet HTML 17Page - STMicroelectronics STV6411A Datasheet HTML 18Page - STMicroelectronics STV6411A Datasheet HTML 19Page - STMicroelectronics STV6411A Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
V
CC 8V
Protected Pad
V
CC 8V
40k
W
40k
W
I
B
I
B
Figure 7 : VREF External Capacitor (Pin 51)
V
CC 12V
Protected Pad
80k
W
1k
W
25k
W
80k
W
V
CC 12V
Figure 8 : Slow Blanking (Pins 25, 27)
INPUT/OUTPUT GROUPS (continued)
V
CC 8V
Protected Pad
Figure 9 : Input Fast Blanking (Pins 18, 19)
V
CC 8V
Protected Pad
25k
W
1k
W
50
W
Figure 10 : Output Fast Blanking (Pin 17))
V
CC 8V
Protected Pad
10k
W
Figure 11 : I
2C Bus (ADD) (Pin 20)
V
CC 8V
Protected Pad
10k
W
Figure 12 : I
2C Bus (SCL) (Pin 21)
STV6411A
16/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com