Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS30KM-3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS30KM-3
Description  High-Speed Switching Use Nch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS30KM-3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS30KM-3 Datasheet HTML 1Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 2Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 3Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 4Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 5Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 6Page - Renesas Technology Corp FS30KM-3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FS30KM-3
Rev.2.00
Aug 07, 2006
page 4 of 6
Transfer Characteristics (Typical)
Gate-Source Voltage VGS (V)
Forward Transfer Admittance vs.
Drain Current (Typical)
Drain Current ID (A)
Switching Characteristics (Typical)
Drain-Source Voltage VDS (V)
Capacitance vs.
Drain-Source Voltage (Typical)
Drain Current ID (A)
Gate-Source Voltage vs.
Gate Charge (Typical)
Gate Charge Qg (nC)
Source-Drain Diode Forward
Characteristics (Typical)
Source-Drain Voltage VSD (V)
0
10
20
30
40
50
048
12
16
20
102
3
5
7
103
2
3
5
7
104
2
3
2
5
7
100 2101
35 7
35 7
2
102
35 7
2 3
2
Ciss
Coss
Crss
100
101
23 4 5 7
102
23 4 5 7
101
102
2
3
4
5
7
103
2
3
4
5
7
td(off)
tr
tf
td(on)
100
101
23 4 5 7
102
23 4 5 7
100
101
2
3
4
5
7
102
2
3
4
5
7
Tc = 25
°C
75
°C
125
°C
0
10
20
30
40
50
0
0.4
0.8
1.2
1.6
2.0
Tc = 125
°C
75
°C
25
°C
0
4
8
12
16
20
0
20406080
100
VDS = 50V
100V
80V
Tc = 25
°C
VDS = 10V
Pulse Test
Tch = 25
°C
f = 1MHz
VGS = 0V
Tch = 25
°C
ID = 30A
VDS = 10V
Pulse Test
Tch = 25
°C
VDD = 80V
VGS = 10V
RGEN = RGS = 50
Ω
VGS = 0V
Pulse Test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com