Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT30VM-8 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CT30VM-8
Description  MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT30VM-8 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CT30VM-8 Datasheet HTML 1Page - Renesas Technology Corp CT30VM-8 Datasheet HTML 2Page - Renesas Technology Corp CT30VM-8 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb.1999
RECOMMEND CONDITION
VCM = 330V
IP = 160A
CM = 800
µF
VGE = 28V
MAXIMUM CONDITION
360V
180A
1000
µF
IXe
Vtrig
VCE
RG
VG
IGBT
CM
+
VCM
Vtrig
VG
Ixe
2000
1600
1200
800
400
0
220
200
180
140
120
160
VCM = 350V
<
TC = 70°C
VGE = 28V
>
200
160
120
80
40
0
50
40
30
10
020
<
TC = 50°C
<
TC = 70°C
CM = 1000
µF
–
MAXIMUM PULSE COLLECTOR CURRENT
PULSE COLLECTOR CURRENT ICP (A)
MAXIMUM PULSE COLLECTOR CURRENT
GATE-EMITTER VOLTAGE VGE (V)
TRIGGER
SIGNAL
Xe TUBE
CURRENT
VOLTAGE
IGBT GATE
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT30VM-8
STROBE FLASHER USE
PERFORMANCE CURVES
APPLICATION EXAMPLE
Notice 1. Gate drive voltage during on-period must be applied to satisfy the rating of maximum pulse collector current.
And reverse gate current during turn-off must be kept less than 1A.
(In general, it is satisfied if RG
≥ 30Ω)
Notice 2. IGBT has MOS structure and its gate is insulated by thin silicon oxide.
So please handle carefully not to suffer from electrostatic charge.
Notice 3. The operation life should be endured 5,000 shots under the charge current
(Ixe
≤ 180A : full luminescence condition) of main condenser (CM=1000µF).
Repetition period under full luminescence condition is over 3 seconds.
Notice 4. Total operation hours must be applied within 5,000 hours.
Figure 1
Figure 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com