Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR12CS-12LB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR12CS-12LB
Description  Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR12CS-12LB Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR12CS-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR12CS-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR12CS-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR12CS-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR12CS-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR12CS-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR12CS-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR12CS-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR12CS-12LB (The product guaranteed maximum junction temperature of 150
°C)
REJ03G0470-0300
Rev.3.00
Nov 30, 2007
Page 7 of 7
Package Dimensions
SC-83
1.2g
MASS[Typ.]
TO-220S
PRSS0004AB-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
10.5Max
0.8
0.5
5
1
1.3
4.5
0
+0.3
–0
Package Name
TO-220S
Order Code
Lead form
Standard
packing
Quantity
Standard order code
Standard order
code example
Surface-mounted type
Taping
1000
Type name – T +Direction (1 or 2) +1
BCR12CS-12LB-T11
Surface-mounted type
Plastic Magazine
(Tube)
50
Type name
BCR12CS-12LB
Note : Please confirm the specification about the shipping in detail.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com