Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8211 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV8211
Description  VIDEO & SOUND IF SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8211 Datasheet(HTML) 1 Page - STMicroelectronics

  STV8211 Datasheet HTML 1Page - STMicroelectronics STV8211 Datasheet HTML 2Page - STMicroelectronics STV8211 Datasheet HTML 3Page - STMicroelectronics STV8211 Datasheet HTML 4Page - STMicroelectronics STV8211 Datasheet HTML 5Page - STMicroelectronics STV8211 Datasheet HTML 6Page - STMicroelectronics STV8211 Datasheet HTML 7Page - STMicroelectronics STV8211 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STV8211
VIDEO & SOUND IF SYSTEM
August 1994
ADVANCE DATA
.
VERY LOW CURRENT ABSORPTION
.
3 STAGE IF GAIN CONTROLLED AMPLIFIER
.
SYNCHRONOUS VIDEO DEMODULATOR
.
WHITE SPOT AND NOISE INVERTER
.
AGC CIRCUIT WITH NOISE GATING
.
TUNER AGC OUTPUT FOR PNP TUNERS
.
FM DETECTOR
.
AF AMPLIFIER WITH DC VOLUME CON-
TROL
.
AFC
.
2VPP ON VIDEO OUTPUT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TUNER DELAY RESISTOR
TUNER OUTPUT CURRENT
NOT TO BE CONNECTED
IF INPUT
IF INPUT
GROUND
AUDIO OUTPUT
SOUND VOLUME CONTROL
FM TANK LC
AGC MEMORY CAPACITOR
IF LC
IF LC
VIDEO PEAKING
AFC TANK LC
AFC OUTPUT
CVBS OUTPUT
NOT TO BE CONNECTED
2nd IF SOUND CHANNEL INPUT
2nd IF SOUND CHANNEL INPUT
VCC
PIN CONNECTIONS
DIP20
(Plastic Package)
ORDER CODE : STV8211
DESCRIPTION
The STV8211 is a monolithic integrated circuit in
DIP20 package for black & white television receiv-
ers using PNP tuners. It is intended to operate with
a negatively modulated vision carrier and fre-
quency modulated sound carrier. Used with
TEA2037A (H/V deflection circuit), this IC permits
a complete low-cost solution for black and white
applications.
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
1/8


Similar Part No. - STV8211

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8216 STMICROELECTRONICS-STV8216 Datasheet
1Mb / 97P
Multistandard TV Audio Processor and Digital Sound Demodulator
25-Feb-2005
STV8217 STMICROELECTRONICS-STV8217 Datasheet
2Mb / 149P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Feb-2005
STV8217 STMICROELECTRONICS-STV8217 Datasheet
2Mb / 156P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Jan-2006
STV8217T STMICROELECTRONICS-STV8217T Datasheet
2Mb / 149P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Feb-2005
More results

Similar Description - STV8211

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
Integrated Circuit TV Video IF, Sound IF
logo
STMicroelectronics
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
Jan-1997
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
Jan-1997
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
VIDEO & SOUND IF SYSTEM
Oct-1993
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
Oct-1993
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
May-1995
TDA440S STMICROELECTRONICS-TDA440S Datasheet
266Kb / 7P
TV VIDEO IF SYSTEM
logo
Sanyo Semicon Device
TSB6326C SANYO-TSB6326C Datasheet
275Kb / 1P
IF Filter for Video and Sound
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
May-1995
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
MULTISTANDARD VIDEO AND SOUND IF SYSTEM
Oct-1993
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com