Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV9303 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9303
Description  PULSE DRIVEN VERTICAL BOOSTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9303 Datasheet(HTML) 1 Page - STMicroelectronics

  STV9303 Datasheet HTML 1Page - STMicroelectronics STV9303 Datasheet HTML 2Page - STMicroelectronics STV9303 Datasheet HTML 3Page - STMicroelectronics STV9303 Datasheet HTML 4Page - STMicroelectronics STV9303 Datasheet HTML 5Page - STMicroelectronics STV9303 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STV9303
PULSE DRIVEN VERTICAL BOOSTER
September 1993
ADVANCE DATA
CLIPWATT 11
(Plastic Package)
ORDER CODE : STV9303W
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
.
OUTPUT CURRENT UP TO 2.5App
.
70V MAXIMUM FLYBACK VOLTAGE
.
INTERNAL FLYBACK GENERATOR
.
INTERNAL REFERENCE VOLTAGE GENER-
ATOR
.
INTERNAL RAMP GENERATOR
.
SAWTOOTH STARTED BY THE END OF
SYNC
PULSE
OR
BY
AN
INTERNAL
MONOSTABLE
.
THERMAL PROTECTION
DESCRIPTION
The STV9303 is a pulse driven vertical booster
intended for use in color TV. It includes a vertical
ramp generator specially designed to fit with deflec-
tion processors like STV2102 or STV2110 which
provide a 10.5 line lengh vertical pulse. The dis-
charging of the sawtooth capacitor is triggerred by
the trailing edge of the vertical sync and the charg-
ing by the leading edge.
During the sync pulse duration, the sawtooth will
remains at its bottom value. Another possibility is
to use the internal monostable (by connecting an
external capacitor on Pin 5) to define the point
where the sawtooth will restart. This second possi-
bility is very usefull to avoid interlacing problems
when using a conventional deflection processor
delivering a small duration vertical pulse.
The STV9303 includes a very efficient power am-
plifier for direct driving of a TV picture tube in B &
W or color television.
For power consumption saving, a flyback generator
is also included. The current and voltage capabili-
ties (2.5App max output current and 70V flyback
peak voltage), make this IC also suitable for large
screen TV sets.
Thermal protection is also provided.
SIP10
(Plastic Package)
ORDER CODE : STV9303
1/6


Similar Part No. - STV9303

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9302 STMICROELECTRONICS-STV9302 Datasheet
327Kb / 15P
VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
Sep-2003
STV9302A STMICROELECTRONICS-STV9302A Datasheet
327Kb / 15P
VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
Sep-2003
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
05-Mar-2012
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
Sep-2003
STV9306B STMICROELECTRONICS-STV9306B Datasheet
190Kb / 16P
Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
Dec-2003
More results

Similar Description - STV9303

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
Vertical deflection booster
2000 Aug 17
TDA4866 PHILIPS-TDA4866 Datasheet
86Kb / 16P
Full bridge current driven vertical deflection booster
1999 Jun 14
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
VERTICAL DEFLECTION BOOSTER
Dec-1998
logo
NXP Semiconductors
TDA4867J PHILIPS-TDA4867J Datasheet
426Kb / 14P
Full bridge current driven vertical deflection booster
2003 Feb 05
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
VERTICAL DEFLECTION BOOSTER
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
VERTICAL DEFLECTION BOOSTER
29-Mar-2005
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
VERTICAL DEFLECTION BOOSTER
Sep-2003
logo
NXP Semiconductors
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
Full bridge current driven vertical deflection booster
2001 Aug 07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com