Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16103FPJ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA16103FPJ
Description  Watchdog Timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16103FPJ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA16103FPJ Datasheet HTML 5Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 6Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 7Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 8Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 9Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 10Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 11Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 12Page - Renesas Technology Corp HA16103FPJ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
HA16103FPJ/FPK
Rev.3.00 Jun 15, 2005 page 9 of 18
Electrical Characteristics
(Ta = 25
°C, V
CC = 12 V, VOUT = 5 V)
HA16103FPJ/FPK
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Supply current
ICCL
–
8
12
mA
VCC = 12 V
VO1
4.80
5.00
5.20
V
VCC = 6 to 17.5 V
IOUT = 0.5 A,
R1 = 30 k
Ω
Output voltage
VO2
4.70
5.00
5.30
V
VCC = 6 to 17.5 V
IOUT = 1 A, R1 = 30 k
Ω
Line regulation
Voline
–50
–
50
mV
VCC = 6 to 17.5 V
IOUT = 1 A, R1 = 30 k
Ω
Load regulation
Voload
–100
–
100
mV
IOUT = 10 mA to 0.5 A,
R1 = 30 k
Ω
Ripple rejection
RREJ
45
75
–
dB
Vi = 0.5 Vrms,
fi = 1 kHz, R1 = 30 k
Ω
Regulator
Output voltage
Temperature
coefficient
δVO/δT
–
0.6
–
mV/
°CVCC = 12 V, R1 = 30 kΩ
“L”-input voltage
VIL
–
–
0.8
V
“H”-input voltage
VIH
2.0
–
–
V
“L”-input current
IIL
–120
–60
–
µA
VIL = 0 V
Clock input
“H”-input current
IIH
–
0.3
0.5
mA
VIH = 5 V
NMI pin
“L”-level voltage
VOL1
–
–
0.4
V
IOL1 = 2 mA
NMI pin
“H”-level voltage
VOH1
–
VO1
(VO2)
–
V
NMI output
NMI function start
VOUT voltage
VNMI
–
0.7
1.4
V
STBY pin
“L”-level voltage
VOL2
–
–
0.4
V
IOL2 = 2 mA
STBY pin
“H”-level voltage
VOH2
–
VO1
(VO2)
–
V
STBY
output
STBY function start
VOUT voltage
VSTBY
–
0.7
1.4
V
RES pin
“L”-level voltage
VOL3
–
–
0.4
V
IOL3 = 2 mA
RES pin
“H”-level voltage
VOH3
–
VO1
(VO2)
–
V
RES function start
VOUT voltage
VRES
–
0.7
1.4
V
Power on time
tON
25
40
60
ms
Clock off reset time
tOFF
80
130
190
ms
Rf = 180 k
Ω, RR = 180 kΩ
Cf = 0.01
µF, CR = 0.1 µF
Reset pulse
“L”-level time
tRL
15
20
30
ms
Rf = 180 k
Ω, RR = 180 kΩ
Cf = 0.01
µF, CR = 0.1 µF
RES output
Reset pulse
“H”-level time
tRH
37
60
90
ms
Rf = 180 k
Ω, RR = 180 kΩ
Cf = 0.01
µF, CR = 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com