Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16114FPJ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16114FPJ
Description  Switching Regulator for Chopper Type DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16114FPJ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16114FPJ Datasheet HTML 9Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 10Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 11Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 12Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 13Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 14Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 15Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 16Page - Renesas Technology Corp HA16114FPJ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
HA16114P/PJ/FP/FPJ, HA16120FP/FPJ
Rev.2.0, Sep.18.2003, page 13 of 37
5. Voltage Reference (Vref = 2.5 V)
5.1 Voltage Reference
A bandgap reference built into the IC (see figure 5.1) outputs 2.5 V ± 50 mV. The sawtooth oscillator,
PWM comparator, latch, and other internal circuits are powered by this 2.5 V and an internally-generated
voltage of approximately 3.2 V.
The voltage reference section shut downs when the IC is turned off at the ON/
OFF pin as described later,
saving current when the IC is not used and when it operates in intermittent mode during overcurrent.
ON/
OFF
+
−
1.25 V
1.25 V
25 k
Ω
25 k
Ω
VIN
Vref
2.5 V
3.2 V
ADJ
Sub bandgap circuit
Main bandgap circuit
Figure 5.1 Vref Reference Circuit
5.2 Trimming the Reference Voltage (Vref and ADJ pins)
Figure 5.2 shows a simplified circuit equivalent to figure 5.1. The ADJ pin in this circuit is provided for
trimming the reference voltage (Vref). The output at the ADJ pin is a voltage V
ADJ of 1.25 V (Typ)
generated by the bandgap circuit. Vref is determined by V
ADJ and the ratio of internal resistors R1 and R2 as
follows:
Vref = VADJ ×
R1 + R2
R2
The design values of R
1 and R2 are 25 kΩ with a tolerance of ±25%.
If trimming is not performed, the ADJ pin open can be left open.
−
+
VIN
Vref
ADJ
R1
R2
25 k
Ω
(typ)
25 k
Ω
(typ)
VBG (bandgap voltage)
1.25 V (typ)
Figure 5.2 Simplified Diagram of Voltage Reference Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com