Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2033R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2033R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2033R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2033R Datasheet HTML 1Page - Renesas Technology Corp HAT2033R Datasheet HTML 2Page - Renesas Technology Corp HAT2033R Datasheet HTML 3Page - Renesas Technology Corp HAT2033R Datasheet HTML 4Page - Renesas Technology Corp HAT2033R Datasheet HTML 5Page - Renesas Technology Corp HAT2033R Datasheet HTML 6Page - Renesas Technology Corp HAT2033R Datasheet HTML 7Page - Renesas Technology Corp HAT2033R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAT2033R, HAT2033RJ
Rev.4.00 Sep 07, 2005 page 2 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
7
A
Drain peak current
ID (pulse)
Note 1
56
A
Body-drain diode reverse drain current
IDR
7
A
HAT2033R
—
—
Avalanche current
HAT2033RJ
IAP
Note 4
7
A
HAT2033R
—
—
Avalanche energy
HAT2033RJ
EAR
Note 4
4.2
mJ
Channel dissipation
Pch
Note 2
2.5
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. When using the glass epoxy board (FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
3. Value at Tch = 25
°C, Rg ≥ 50 Ω
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
60
—
—
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
—
—
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
µA
VGS =
±16 V, VDS = 0
HAT2033R
IDSS
—
—
1
µA
Zero gate voltage drain
current
HAT2033RJ
IDSS
—
—
0.1
µA
VDS = 60 V, VGS = 0
HAT2033R
IDSS
—
—
—
µA
Zero gate voltage drain
current
HAT2033RJ
IDSS
—
—
10
µA
VDS = 48 V, VGS = 0
Ta = 125
°C
Gate to source cutoff voltage
VGS (off)
1.2
—
2.2
V
VDS = 10 V, ID = 1 mA
RDS (on)
—
0.03
0.038
Ω
ID = 4 A, VGS = 10 V
Note 4
Static drain to source on state resistance
RDS (on)
—
0.04
0.053
Ω
ID = 4 A, VGS = 4 V
Note 4
Forward transfer admittance
|yfs|
6.5
10
—
S
ID = 4 A, VDS = 10 V
Note 4
Input capacitance
Ciss
—
740
—
pF
Output capacitance
Coss
—
370
—
pF
Reverse transfer capacitance
Crss
—
130
—
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
—
13
—
ns
Rise time
tr
—
55
—
ns
Turn-off delay time
td (off)
—
140
—
ns
Fall time
tf
—
95
—
ns
VGS = 10 V, ID = 4 A,
VDD
≅ 30 V
Body-drain diode forward voltage
VDF
—
0.82
1.07
V
IF = 7 A, VGS = 0
Note 4
Body-drain diode reverse recovery time
trr
—
45
—
ns
IF = 7 A, VGS = 0
diF/dt = 50 A/
µs
Note:
4. Pulse test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com