Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16174P Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HA16174P
Description  Power Factor Correction Controller IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16174P Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HA16174P Datasheet HTML 15Page - Renesas Technology Corp HA16174P Datasheet HTML 16Page - Renesas Technology Corp HA16174P Datasheet HTML 17Page - Renesas Technology Corp HA16174P Datasheet HTML 18Page - Renesas Technology Corp HA16174P Datasheet HTML 19Page - Renesas Technology Corp HA16174P Datasheet HTML 20Page - Renesas Technology Corp HA16174P Datasheet HTML 21Page - Renesas Technology Corp HA16174P Datasheet HTML 22Page - Renesas Technology Corp HA16174P Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
HA16174P/FP
Rev.1.00 Jan 06, 2006 page 19 of 36
4-2. Operation on a Momentary Outage
(PFC operation hold on momentary outage: PFC hold function)
(1) When the Momentary Outage is Short
During a momentary outage, the voltage on the PFC-ON pin is discharged. When it reaches 1.6 V, charging of the
capacitor on the DELAY pin starts. The voltage on the PFC-ON pin continues to fall and, when it reaches 1.4 V,
source current begins to flow through the pin. The lower the PFC-ON voltage, the greater the amount of current, so
the PFC-ON pin voltage does not fall below the level determined by the external resistor and the source current.
AC-voltage input is resumed, if the DELAY pin voltage doesn’t reach 1.25 V before the PFC-On pin voltage rises
above 1.75 V, the PFC output voltage resumes quickly. In this case, the soft-start function does not operate.
Full-wave rectified AC
PFC-ON
DELAY
OUT
PF output voltage
Ipfc-on
1.6 V
1.75 V
1.25 V
Figure 6 PFC Hold Function Operation Waveform 1
The hold time for PFC operation is adjusted by the value of the capacitance on the DELAY pin. Note, however, that
if VCC voltage of IC is not normally supplied during a momentary outage, the PFC-ON hold function does not
operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com