Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17901AP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA17901AP
Description  Quadruple Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17901AP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA17901AP Datasheet HTML 8Page - Renesas Technology Corp HA17901AP Datasheet HTML 9Page - Renesas Technology Corp HA17901AP Datasheet HTML 10Page - Renesas Technology Corp HA17901AP Datasheet HTML 11Page - Renesas Technology Corp HA17901AP Datasheet HTML 12Page - Renesas Technology Corp HA17901AP Datasheet HTML 13Page - Renesas Technology Corp HA17901AP Datasheet HTML 14Page - Renesas Technology Corp HA17901AP Datasheet HTML 15Page - Renesas Technology Corp HA17901AP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HA17901A Series
Rev.1.00 Mar 10, 2006 page 13 of 15
6. Inverting Comparator (with Hysteresis)
In this circuit, the output Vout inverts from high to low when +VIN > (VCC + Vout)/3. Similarly, the output Vout
inverts from low to high when +VIN < VCC/3. With the circuit constants shown in figure 9, assuming VCC = 15 V
and Vout = 15 V, this circuit will have a 5 V hysteresis. Figure 10 shows the I/O characteristics for the circuit in
figure 9.
−
+
VCC
Vout
3 k
VCC
VCC
+Vin
1 M
1 M
1 M
HA17901A
Figure 9 Inverting Comparator
05
10
15
20
16
12
8
4
0
Input Voltage VIN (V)
VCC = 15 V
Figure 10 Inverting Comparator I/O Transfer Characteristics
7. Zero-Cross Detector (Single-Voltage Power Supply)
In this circuit, the noninverting input will essentially beheld at the potential determined by dividing VCC with 100
k
Ω and 10 kΩ resistors. When V
IN is 0 V or higher, the output will be low, and when VIN is negative, Vout will
invert to the high level. (See figure 11.)
−
+
VCC
Vout
Vin
VCC
5.1 k
5.1 k
5.1 k
100 k
100 k
1S2076
10 k 20 M
HA17339A
Figure 11 Zero-Cross Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com