Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37271EFSP Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M37271EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37271EFSP Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M37271EFSP Datasheet HTML 69Page - Renesas Technology Corp M37271EFSP Datasheet HTML 70Page - Renesas Technology Corp M37271EFSP Datasheet HTML 71Page - Renesas Technology Corp M37271EFSP Datasheet HTML 72Page - Renesas Technology Corp M37271EFSP Datasheet HTML 73Page - Renesas Technology Corp M37271EFSP Datasheet HTML 74Page - Renesas Technology Corp M37271EFSP Datasheet HTML 75Page - Renesas Technology Corp M37271EFSP Datasheet HTML 76Page - Renesas Technology Corp M37271EFSP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
72
(13) Scan Mode
M37271MF-XXXSP has the bi-scan mode for corresponding to HSYNC
of double speed frequency. In the bi-scan mode, the vertical start
display position and the vertical size is two times as compared with
the normal scan mode. The scan mode is selected by bit 1 of the
OSD control register (refer to Figure 52).
(14) Window Function
This function sets the top and bottom boundary of display limit on a
screen. The window function is valid only in the CC mode. The top
boundary is set by the window H registers 1 and 2. The bottom bound-
ary is set by the window L registers 1 and 2. This function is turned
on and off by bit 5 of the OSD control register (refer to Figure 52).
The structure of the window H registers 1 and 2 is shown in Figure
81, the structure of the window L registers 1 and 2 is shown in Figure
82.
Notes 1: Set values except “0016” and “0116” to the window H regis-
ter 1 when the window H register 2 is “0016.”
2: Set the register value fit for the following condition :
(WH1 + WH2) < (WL1 + WL2)
Bit 1 of OSD control register
Vertical display start position
Vertical dot size
Table 19. Setting for scan mode
Normal scan
0
Value of vertical position register ! 1H
1TC ! 1/2H
1TC ! 1H
2TC ! 2H
3TC ! 3H
Bi-scan
1
Value of vertical position register ! 2H
1TC ! 1H
1TC ! 2H
2TC ! 4H
3TC ! 6H
Scan mode
Parameter
Fig. 80. Example of window function
EXOSD mode
Window
FG H
I
J
CC mode
KL
M N O
CC mode
PQ R
S
T
CC mode
OSD mode
Bottom
boundary
of window
Top
boundary
of window
Screen
ABC
D E
UV
W X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com