Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT60AM-18B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CT60AM-18B
Description  MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR RESONANT INVERTER USE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT60AM-18B Datasheet(HTML) 2 Page - Renesas Technology Corp

  CT60AM-18B Datasheet HTML 1Page - Renesas Technology Corp CT60AM-18B Datasheet HTML 2Page - Renesas Technology Corp CT60AM-18B Datasheet HTML 3Page - Renesas Technology Corp CT60AM-18B Datasheet HTML 4Page - Renesas Technology Corp CT60AM-18B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Sep. 2000
CT60AM-18B
¡VCES ............................................................................... 900V
¡IC ......................................................................................... 60A
¡Integrated Fast Recovery Diode
VGE = 0V
VCE = 0V
VCE = 0V
TC = 25
°C
900
±20
±30
60
120
40
200
–40 ~ +150
–40 ~ +150
V
V
V
A
A
A
W
°C
°C
VCES
VGES
VGEM
IC
ICM
IE
PC
Tj
Tstg
OUTLINE DRAWING
Dimensions in mm
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT60AM-18B
RESONANT INVERTER USE
APPLICATION
Microwave ovens, electromagnetic cooking devices, rice-cookers
TO-3PL
Conditions
Symbol
Collector-emitter voltage
Gate-emitter voltage
Peak gate-emitter voltage
Collector current
Collector current (Pulsed)
Emitter current
Maximum power dissipation
Junction temperature
Storage temperature
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Ratings
Unit
4
wr
q
e
q
w
e
r
φ 3.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com