Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT75AM-12 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CT75AM-12
Description  MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER - UPS USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CT75AM-12 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CT75AM-12 Datasheet HTML 1Page - Renesas Technology Corp CT75AM-12 Datasheet HTML 2Page - Renesas Technology Corp CT75AM-12 Datasheet HTML 3Page - Renesas Technology Corp CT75AM-12 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.1999
V (BR) CES
IGES
ICES
VGE(th)
VCE(sat)
Cies
Coes
Cres
td (on)
tr
td (off)
tf
Rth (j-c)
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT75AM-12
GENERAL INVERTER • UPS USE
600
—
—
4.5
—
—
—
—
—
—
—
—
—
V
µA
mA
V
V
pF
pF
pF
ns
ns
ns
ns
°C/W
—
—
—
6.0
2.5
3100
400
130
40
265
175
245
—
—
±0.5
1
7.5
3.0
—
—
—
—
—
—
—
0.42
IC = 1mA, VGE = 0V
VGE =
±30V, VCE = 0V
VCE = 600V, VGE = 0V
IC = 7.5mA, VCE = 10V
IC = 75A, VGE = 15V
VCE = 25V, VGE = 0V, f = 1MHz
VCC = 300V, Resistance load,
IC = 75A, VGE = 15V, RGE = 10
Ω
Junction to case
0
2
4
6
8
10
0
4
8
12
16
20
150A
30A
75A
Tj = 25°C
0
20
40
60
80
100
02468
10
Tj = 25°C
VGE = 20V
PC = 300W
15V
12V
10V
11V
9V
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
GATE-EMITTER VOLTAGE VGE (V)
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
Collector-emitter breakdown voltage
Collector-emitter leakage current
Gate-emitter leakage current
Gate-emitter threshold voltage
Collector-emitter saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Thermal resistance
PERFORMANCE CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com