Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW20NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW20NM60
Description  N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh™ Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW20NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  STW20NM60 Datasheet HTML 1Page - STMicroelectronics STW20NM60 Datasheet HTML 2Page - STMicroelectronics STW20NM60 Datasheet HTML 3Page - STMicroelectronics STW20NM60 Datasheet HTML 4Page - STMicroelectronics STW20NM60 Datasheet HTML 5Page - STMicroelectronics STW20NM60 Datasheet HTML 6Page - STMicroelectronics STW20NM60 Datasheet HTML 7Page - STMicroelectronics STW20NM60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2002
STW20NM60
N-CHANNEL 600V - 0.26
Ω - 20A TO-247
MDmesh™Power MOSFET
n
TYPICAL RDS(on) = 0.26Ω
n
HIGH dv/dt AND AVALANCHE CAPABILITIES
n
100% AVALANCHE TESTED
n
LOW INPUT CAPACITANCE AND GATE
CHARGE
n
LOW GATE INPUT RESISTANCE
n
TIGHT PROCESS CONTROL AND HIGH
MANUFACTURING YIELDS
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar competition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increasing
power density of high voltage converters allowing
system miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STW20NM60
600V
< 0.29
Ω
20 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
20
A
ID
Drain Current (continuous) at TC = 100°C
12.6
A
IDM (l)
Drain Current (pulsed)
80
A
PTOT
Total Dissipation at TC = 25°C
214
W
Derating Factor
1.44
W/°C
dv/dt
Peak Diode Recovery voltage slope
15
V/ns
Tstg
Storage Temperature
– 65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
1
2
3
TO-247
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW20NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
logo
Inchange Semiconductor ...
STW20NM60 ISC-STW20NM60 Datasheet
398Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW20NM60FD STMICROELECTRONICS-STW20NM60FD Datasheet
341Kb / 15P
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
01-Aug-2006
logo
Inchange Semiconductor ...
STW20NM60FD ISC-STW20NM60FD Datasheet
324Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STW20NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
Jun-1999
STW20NM50 STMICROELECTRONICS-STW20NM50 Datasheet
256Kb / 8P
N-CHANNEL 500V - 0.20ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW47NM60 STMICROELECTRONICS-STW47NM60 Datasheet
117Kb / 6P
N-CHANNEL 600V - 0.075ohm - 47A TO-247 MDmesh™ Power MOSFET
Jan-2003
STW30NM60D STMICROELECTRONICS-STW30NM60D Datasheet
244Kb / 9P
N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET
24-Jun-2004
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
01-Aug-2006
STP25NM60N STMICROELECTRONICS-STP25NM60N Datasheet
273Kb / 12P
N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
08-Jun-2005
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
N-channel 600V - 0.140Ω - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STW20NM50 STMICROELECTRONICS-STW20NM50_V01 Datasheet
182Kb / 8P
N-CHANNEL 550V @ Tjmax - 0.20Ω - 20A TO-247 MDmesh™ MOSFET
Feb-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com