Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW26NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW26NM60
Description  N-CHANNEL 600V - 0.125ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW26NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  STW26NM60 Datasheet HTML 1Page - STMicroelectronics STW26NM60 Datasheet HTML 2Page - STMicroelectronics STW26NM60 Datasheet HTML 3Page - STMicroelectronics STW26NM60 Datasheet HTML 4Page - STMicroelectronics STW26NM60 Datasheet HTML 5Page - STMicroelectronics STW26NM60 Datasheet HTML 6Page - STMicroelectronics STW26NM60 Datasheet HTML 7Page - STMicroelectronics STW26NM60 Datasheet HTML 8Page - STMicroelectronics STW26NM60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2005
STW26NM60
N-CHANNEL 600V - 0.125
Ω - 30A TO-247
MDmesh™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.125 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
IMPROVED ESD CAPABILITY
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizon-
tal
layout.
The
resulting
product
has
an
outstanding low on-resistance, impressively high
dv/dt and excellent avalanche characteristics. The
adoption of the Company’s proprietary strip tech-
nique yields overall dynamic performance that is
significantly better than that of similar competi-
tion’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increas-
ing power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STW26NM60
600 V
< 0.135
Ω
30 A
TO-247
1
2
3
SALES TYPE
MARKING
PACKAGE
PACKAGING
STW26NM60
W26NM60
TO-247
TUBE
Rev. 5


Similar Part No. - STW26NM60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW26NM60 ISC-STW26NM60 Datasheet
350Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW26NM60N STMICROELECTRONICS-STW26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
logo
Inchange Semiconductor ...
STW26NM60N ISC-STW26NM60N Datasheet
398Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
06-Oct-2009
STW26NM60ND STMICROELECTRONICS-STW26NM60ND Datasheet
1Mb / 23P
Low input capacitance and gate charge
28-Nov-2013
More results

Similar Description - STW26NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STSJ2NM60 STMICROELECTRONICS-STSJ2NM60 Datasheet
223Kb / 8P
N-CHANNEL 600V - 2.8ohm - 2A PowerSO-8 Zener-Protected MDmesh??POWER MOSFET
Aug-2002
STW20NM60 STMICROELECTRONICS-STW20NM60 Datasheet
256Kb / 8P
N-CHANNEL 600V - 0.26ohm - 20A TO-247 MDmesh™ Power MOSFET
Aug-2002
STW26NM50 STMICROELECTRONICS-STW26NM50 Datasheet
234Kb / 9P
N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh™ Power MOSFET
24-Jun-2004
STW47NM60 STMICROELECTRONICS-STW47NM60 Datasheet
117Kb / 6P
N-CHANNEL 600V - 0.075ohm - 47A TO-247 MDmesh™ Power MOSFET
Jan-2003
STY60NM60 STMICROELECTRONICS-STY60NM60 Datasheet
288Kb / 8P
N-CHANNEL 600V - 0.050ohm - 60A Max247 Zener-Protected MDmesh?줡ower MOSFET
Jul-2003
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
283Kb / 11P
N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
Mar-2004
STW30NM60D STMICROELECTRONICS-STW30NM60D Datasheet
244Kb / 9P
N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET
24-Jun-2004
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
Apr-2004
STE70NM60 STMICROELECTRONICS-STE70NM60 Datasheet
311Kb / 8P
N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET
Mar-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com