Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW38NB20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW38NB20
Description  N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW38NB20 Datasheet(HTML) 1 Page - STMicroelectronics

  STW38NB20 Datasheet HTML 1Page - STMicroelectronics STW38NB20 Datasheet HTML 2Page - STMicroelectronics STW38NB20 Datasheet HTML 3Page - STMicroelectronics STW38NB20 Datasheet HTML 4Page - STMicroelectronics STW38NB20 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STW38NB20
N - CHANNEL ENHANCEMENT MODE
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.052
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
LOW INTRINSIC CAPACITANCE
s
GATE CHARGE MINIMIZED
s
REDUCED VOLTAGE SPREAD
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, SGS-Thomson has designed an ad-
vanced family of power MOSFETs with outstand-
ing performances. The new patent pending strip
layout coupled with the Company’s proprietary
edge termination structure, gives the lowest
RDS(on) per area, exceptional avalanche and
dv/dt capabilities and unrivalled gate charge and
switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
DC-AC CONVERTER FOR WELDING
EQUIPMENT AND UNINTERRUPTABLE
POWER SUPPLY AND MOTOR DRIVE
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
200
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC38
A
ID
Drain Current (continuous) at Tc = 100
oC24
A
IDM(
•)
Drain Current (pulsed)
152
A
Ptot
Total Dissipation at Tc = 25
oC
180
W
Derating Factor
1.44
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
5.5
V/ns
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤38 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW38NB20
200 V
< 0.065
Ω
38 A
January 1998
TO-247
1
2
3
1/5


Similar Part No. - STW38NB20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW38NB20 ISC-STW38NB20 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW38NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
Jun-1998
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Nov-1997
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STU13NB60 STMICROELECTRONICS-STU13NB60 Datasheet
61Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com