Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61520FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61520FP
Description  6ch Electronic Volume with Tone Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61520FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61520FP Datasheet HTML 1Page - Renesas Technology Corp M61520FP Datasheet HTML 2Page - Renesas Technology Corp M61520FP Datasheet HTML 3Page - Renesas Technology Corp M61520FP Datasheet HTML 4Page - Renesas Technology Corp M61520FP Datasheet HTML 5Page - Renesas Technology Corp M61520FP Datasheet HTML 6Page - Renesas Technology Corp M61520FP Datasheet HTML 7Page - Renesas Technology Corp M61520FP Datasheet HTML 8Page - Renesas Technology Corp M61520FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
M61520FP
Rev.1.0, Sep.19.2003, page 3 of 15
Block Diagram with Pin Connections
0/+2/+6.5/
+10.5dB
0/+2/+6.5/
+10.5dB
Coupled
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
60k
60k
60k
60k
SR
SL
C
SW
0/+3.6dB
0/+3.6dB
0/+3.6dB
0/+3.6dB
MCU
I/F
-1
-1
ATT
FR
FL
0/+3.6dB
0/+3.6dB
ATT
0/-2/-6.5/-10.5dB
L/R/FL/FR block REF
SL/SR block REF
C/SW block REF
ATT
60k
60k
60k
+1/+3/
+4.6/+6.6dB
+1/+3/
+4.6/+6.6dB
60k
60k
60k
60k
60k
60k
60k
60k
60k
60k
60k
60k
-4.4/-9.4/
-8/-13/
-11.6/-16.6dB
-4.4/-9.4/
-8/-13/
-11.6/-16.6dB
REF.
+6/+10dB
0/+6dB
0/+6dB
0/+6dB
Bass
Boost
Bass
Boost
FR
FL
SR
SL
C
SW
60k
60k
LRECOUT1
MI CIN
1
Input selector
Input selector
+
-
+
-
+
-
+
-
+
-
-
+
-
+
LRECOUT2
LRECIN
2
RRECIN 3
RRECOUT1
RRECOUT2
ADR+OUT 4
REFOUTEX2
ADR-OUT 5
REFOUTEX1
ADL+OUT
6
REFIN
ADL-OUT
7
REFOUT
FRIN
8
IVSS
FLIN
9
IVD D
SRIN 10
AGND
SL IN 11
FROUT
CIN 12
FRBB2
SWIN 13
FRBB1
DGND 14
FRVOLIN
DATA 15
FRBUF
CLOCK 16
FRREF
LA TCH 17
BBREFOUT
PORT1 18
FLOUT
PORT2 19
FLBB2
PORT3 20
FLBB1
PORT4 21
FLVOLIN
PORT5 22
FLBUF
PORT6 23
FLREF
DVDD 24
Internal power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com