Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61522FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61522FP
Description  8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61522FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61522FP Datasheet HTML 9Page - Renesas Technology Corp M61522FP Datasheet HTML 10Page - Renesas Technology Corp M61522FP Datasheet HTML 11Page - Renesas Technology Corp M61522FP Datasheet HTML 12Page - Renesas Technology Corp M61522FP Datasheet HTML 13Page - Renesas Technology Corp M61522FP Datasheet HTML 14Page - Renesas Technology Corp M61522FP Datasheet HTML 15Page - Renesas Technology Corp M61522FP Datasheet HTML 16Page - Renesas Technology Corp M61522FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
M61522FP
Rev.1.0, Sep.19.2003, page 13 of 17
(2) Input/Output characteristics (OVER ALL)
Limits
Parameter
Symbol
Test condition
min
typ
max
Unit
Input resistance
Rin
14~19, 45~50pin When each
selector chooses a terminal
concerned.
25
50
100
k
Ω
Maximum
output voltage
VOM
THD=1%, RL=10kohm Output
Gain Contro=+10dB setting
3.6
4.2
—
Vrms
Pass gain
Gv
Vi=0.3Vrms, FLAT
-2.0
0
2.0
dB
THD1
BW: 400Hz~30kHz, f=1kHz,
Vo=0.3Vrms, RL=10k
Ω
—
0.005
0.05
%
Total harmonic
distortion
THD2
BW: 400Hz~30kHz, f=1kHz,
Vo=2Vrms, RL=10k
Ω
—
0.03
0.1
%
Channels balance
CBAL
Input Pin71,73/Output
Pin39,32 Vi=0.3Vrms, JIS-A
-0.5
0
0.5
dB
Vono (VOL=-
∞dB)
JIS-A, Rg=0ohm
Volume=-
∞dB setting
—
2
6
µVrms
Vono (VOL=0dB)
JIS-A, Rg=0ohm
Volume=0dB setting
—
4
12
µVrms
Output noise voltage
Vonobal
(Balance out)
Output Pin 7, 8, 10, 11 JIS-A,
Rg=0
Ω
—
5
10
µVrms
CS1
(Input selector)
Pin73~80, Pin71~64
Vo=0.5Vrms, Rg=0
Ω,
RL=10k
Ω, JIS-A
—
-80
-65
dB
Input selector channel
separation
CS2
(Multi channel/external input
selector)
Pin51~44, Pin13~20, Pin54,55
Vo=0.5Vrms, Rg=0
Ω,
RL=10k
Ω, JIS-A
—
-80
-65
dB
CT1
(Main line)
Input Pin71,73/Output
Pin32,39
Vo=0.5Vrms, Rg=0
Ω,
RL=10k
Ω, JIS-A
—
-80
-65
dB
Crosstalk of mutual
channels
CT2
(Sub line)
Input Pin71,73/Output
Pin62,61
Vo=0.5Vrms, Rg=0
Ω,
RL=10k
Ω, JIS-A
—
-80
-65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com