Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61524FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M61524FP
Description  2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61524FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M61524FP Datasheet HTML 13Page - Renesas Technology Corp M61524FP Datasheet HTML 14Page - Renesas Technology Corp M61524FP Datasheet HTML 15Page - Renesas Technology Corp M61524FP Datasheet HTML 16Page - Renesas Technology Corp M61524FP Datasheet HTML 17Page - Renesas Technology Corp M61524FP Datasheet HTML 18Page - Renesas Technology Corp M61524FP Datasheet HTML 19Page - Renesas Technology Corp M61524FP Datasheet HTML 20Page - Renesas Technology Corp M61524FP Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
M61524FP
Rev.1.0, Sep.19.2003, page 19 of 20
Application Example
100
10
10
10
10
INA1
INB1
INC1
IND1
REC
1
0.022
0.022
2.2k
0.22
0.22
2.2k
4700p
OUT1
1.8k
DATA
CLOCK
0.022
0.022
2.2k
0.22
0.22
2.2k
4700p
OUT2
1.8k
10
10
10
INA2
INB2
INC2
IND2
10
MIC
10
10
10
Connect to pin2
27k
27k
100
1
1k
MCU I/F
MIC MIX
SWB
MI C
AM P
1
2
4
6
8
9
10
11
12
13
14
15
16
17
18
19
20
21
41
40
39
38
37
36
35
34
28
27
26
25
24
29
31
30
33
32
Vocal cut
SWB
MIC SW
1
2
2
1
BASS BOOST
BASSBOOST
50k
50k
50k
50k
50k
50k
50k
50k
50k
BASS BOOST SW
BASS BOOST SW
Bypass SW
(tone block)
ON/OFF
23
22
42
3
5
7
Surround
AVOL (0 -24dB)
AVOL (0 -24dB)
BVOL
(0 to 66dB, -
∞)
BVOL
(0 to 66dB, -
∞)
PIN42 PIN41
PIN42
PIN41
Surround ON/OFF
Surround ON/OFF
40k
40k
40k
40k
20k
20k
20k
20k
20k
20k
20k
20k
0.47
REC1
8
9
REC
2
REC2
35
34
REF AMP
4I nput selector
4I nput selector
SWA:Stereo
/Lch mono
/Rch mono
0
+9dB
3dB/step
0
+9dB
3dB/step
Connect to pin2
Bypass SW
(tone block)
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com