Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M56733AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M56733AFP
Description  3-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M56733AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M56733AFP Datasheet HTML 1Page - Renesas Technology Corp M56733AFP Datasheet HTML 2Page - Renesas Technology Corp M56733AFP Datasheet HTML 3Page - Renesas Technology Corp M56733AFP Datasheet HTML 4Page - Renesas Technology Corp M56733AFP Datasheet HTML 5Page - Renesas Technology Corp M56733AFP Datasheet HTML 6Page - Renesas Technology Corp M56733AFP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.1.00, Sep.22.2003, page 1 of 6
M56733AFP
3-Phase Brushless Motor Driver
REJ03F0081-0100Z
Rev.1.0
Sep.22.2003
Description
The M56733AFP is a semiconductor integrated circuit designed as a single-chip controller for FDD spindle motors. It
incorporates a power amplifier, Hall amplifier, FG amplifier, oscillator, and speed discriminator, along with various
protective circuits. Control of switching between three speeds by the single MOD pin gives this IC the edge for use in
compact systems.
Features
• Digital servo provides high precision, good stability, and freedom from the need for adjustment.
• A single pin controls switching between three speed. ••• MOD
• Two enable signals. ••• EN, EN
• I
O (peak) = 1.0 A
• Low-capacitance damping capacitor
Applications
• FDD spindle motors (5 inches)
Recommended Operating Conditions
• Power-supply voltage: 10.8 (min.) to 13.2 (max.), 12.0 (typ.)
• Oscillation frequency: 492 kHz
• Maximum output current: 800 mA
• FG amplifier input signal level: 5 mVp-p or more


Similar Part No. - M56733AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
3-PHASE BRUSHLESS MOTOR CONTROL
More results

Similar Description - M56733AFP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
3-Phase Brushless Motor Driver
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
3-Phase Brushless Motor Driver???
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
3-Phase Brushless Motor Driver????
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
LB1693 SANYO-LB1693 Datasheet
174Kb / 9P
3-Phase Brushless Motor Driver????
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com