Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52957AFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52957AFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M52957AFP Datasheet HTML 6Page - Renesas Technology Corp M52957AFP Datasheet HTML 7Page - Renesas Technology Corp M52957AFP Datasheet HTML 8Page - Renesas Technology Corp M52957AFP Datasheet HTML 9Page - Renesas Technology Corp M52957AFP Datasheet HTML 10Page - Renesas Technology Corp M52957AFP Datasheet HTML 11Page - Renesas Technology Corp M52957AFP Datasheet HTML 12Page - Renesas Technology Corp M52957AFP Datasheet HTML 13Page - Renesas Technology Corp M52957AFP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 12 of 13
Mask Option
(1) The second integration current value can be doubled.( 2.5µ
5.0µA)
(2) Control terminal variation
1
Full spec (typical)
S
O
U
T
C
L
A
L
V
H
O
L
D
I
N
T
9
10
MICROCOMPUTER
11
8
S
T
B
5
R
E
S
E
T
7
Most simplified type
S
O
U
T
H
O
L
D
I
N
T
9
10
8
2
This type uses
CLALV,STB,RESET,INT,HOLD,SOUT terminal as
I/F terminal to the microcomputer.
This is the typical type at M52957AFP.
This type does not connect CLALV,STB,RESET terminals
to the microcomputer.
When above mentioned terminals are not connected to the
microcomputer without changing mask,connect each
terminal to the ground. In this case,clamp level becomes 0
and standby function is lost. Power on reset in IC is used as
reset.
Explanation of the terminal that can be simplified.
3
(a)CLALV
In the typical type,16way clamp levels can be set by the external control,but also the
terminal can be simplified by mask option as follows.
(I) Clamp level fixation
Selects 1 point from 16 steps of clamp level and fixes it.
(II) Clamp level 2 step changeover
Selects 2 points from clamp level and switches it by
changing CLALV terminal HIGH/LOW. However,as
selecting 2 points,there is a following constraint.
Fixes 3 parts of 4 switches correspond to each bit in figure to
ON or OFF,controls another part by CLALV terminal .
0.125nA
0.25nA
0.5nA
1.0nA
MICROCOMPUTER
(b)STB
When no standby function required such as VCC is suitched ON/OFF,
STB terminal can be eliminated.
(c)RESET
Since IC include power on reset circuit, RESET terminal can be
eliminated, As merit of controlling RESET terminal from outside,
distance detection time can be shortened because there is no need
to switch VCC to STB terminal ON/OFF at consecutive distance detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com