Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5S72011 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5S72011
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5S72011 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5S72011 Datasheet HTML 41Page - Renesas Technology Corp R5S72011 Datasheet HTML 42Page - Renesas Technology Corp R5S72011 Datasheet HTML 43Page - Renesas Technology Corp R5S72011 Datasheet HTML 44Page - Renesas Technology Corp R5S72011 Datasheet HTML 45Page - Renesas Technology Corp R5S72011 Datasheet HTML 46Page - Renesas Technology Corp R5S72011 Datasheet HTML 47Page - Renesas Technology Corp R5S72011 Datasheet HTML 48Page - Renesas Technology Corp R5S72011 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 17 of 1164
REJ09B0321-0200
Classification
Symbol
I/O
Name
Function
CTx0, CTx1
O
CAN bus transmit
data
Output pin for transmit data on the
CAN bus
Controller area
network
(RCAN-ET)
CRx0, CRx1
I
CAN bus receive
data
Output pin for receive data on the
CAN bus
AN7 to AN0
I
Analog input pins Analog input pins
A/D converter
ADTRG
I
A/D conversion
trigger input
External trigger input pin for starting
A/D conversion
D/A converter
DA1, DA0
O
Analog output
pins
Analog output pins
AVcc
I
Analog power
supply
Power supply pins for the A/D
converter and D/A converter
AVref
I
Analog reference
power supply
Reference voltage input pin for the
A/D converter and D/A converter
Analog power
supply
AVss
I
Analog ground
Ground pins for the A/D converter
and D/A converter
I/O ports
PA31 to PA0
I/O
General port
32-bit general I/O port pins
PB31 to PB0
I/O
General port
32-bit general I/O port pins
PC25 to PC22
I
General port
4-bit general input port pins
PC21 to PC0
I/O
General port
22-bit general I/O port pins
PD16 to PD15
I
General port
2-bit general input port pins
PD14 to PD0
I/O
General port
15-bit general I/O port pins
PE7 to PE0
I
General port
8-bit general input port pins
PF7 to PF0
I/O
General port
8-bit general I/O port pins
UDTCK*
I
Test clock
Test-clock input pin
UDTMS*
I
Test mode select Test-mode select signal input pin
UDTDI*
I
Test data input
Serial input pin for instructions and
data
UDTDO
O
Test data output
Serial output pin for instructions and
data
User debugging
interface
(H-UDI)
UDTRST*
I
Test reset
Initialization-signal input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com